Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7883SBDBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7883SBDBVT
Description  12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7883SBDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS7883SBDBVT Datasheet HTML 2Page - Texas Instruments ADS7883SBDBVT Datasheet HTML 3Page - Texas Instruments ADS7883SBDBVT Datasheet HTML 4Page - Texas Instruments ADS7883SBDBVT Datasheet HTML 5Page - Texas Instruments ADS7883SBDBVT Datasheet HTML 6Page - Texas Instruments ADS7883SBDBVT Datasheet HTML 7Page - Texas Instruments ADS7883SBDBVT Datasheet HTML 8Page - Texas Instruments ADS7883SBDBVT Datasheet HTML 9Page - Texas Instruments ADS7883SBDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TYPICAL CHARACTERISTICS
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
2.7
3.4
4.1
4.8
5.5
V
-SupplyVoltage-V
DD
T =25ºC,
f =3MSPS
A
s
3MSPS
2MSPS
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
50
f
-Frequency-MHz
SCLK
5V
3V
T =25ºC
A
0
0.5
1
1.5
2
2.5
3
0
100
200
300
400
500
600
700
f -Samplerate-KSPS
S
T =25ºC,
SCLK=48MHzforVDD=5V,
A
SCLK=32MHzforVDD=3V,
SCLK=freerunning
Powerdown
69.5
70
70.5
71
71.5
72
72.5
73
0
200
400
600
800
1000
f -InputFrequency-KHz
i
V
=5V,
f =3MSPS
DD
S
-40
-30
-20
-10
0
10
20
30
-40
15
70
125
T -Free AirTemperature-ºC
A
V
=5V
DD
5V
0V
68
68.5
69
69.5
70
70.5
71
71.5
72
72.5
73
0
200
400
600
800
1000
f -InputFrequency-KHz
i
V
=5V,
f =3MSPS
DD
S
-85
-84
-83
-82
-81
-80
-79
-78
-77
-76
-75
0
200
400
600
800
1000
f -InputFrequency-KHz
i
V
=5V,
f =3MSPS
DD
S
71
71.2
71.4
71.6
71.8
72
72.2
2.7
3.4
4.1
4.8
5.5
V
-SupplyVoltage-V
DD
T =25ºC,
f =3MSPSforV
=4.5Vto5.5V,
A
S
DD
f =2MSPSforV
=2.7Vto4.5V
S
DD
71.5
71.6
71.7
71.8
71.9
72
72.1
72.2
-40
15
70
125
T -Free AirTemperature-ºC
A
5V,3MSPS
2.7V,2MSPS
ADS7883
SLAS594 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
SUPPLY CURRENT
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
vs
SUPPLY VOLTAGE
SCLK FREQUENCY
SAMPLE RATE
Figure 1.
Figure 2.
Figure 3.
INPUT LEAKAGE CURRENT
SIGNAL-TO-NOISE RATIO
SIGNAL-TO-NOISE + DISTORTION
vs
vs
vs
FREE-AIR TEMPERATURE
INPUT FREQUENCY
INPUT FREQUENCY
Figure 4.
Figure 5.
Figure 6.
TOTAL HARMONIC DISTORTION
SIGNAL-TO-NOISE + DISTORTION
SIGNAL-TO-NOISE + DISTORTION
vs
vs
vs
INPUT FREQUENCY
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 7.
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS7883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com