Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSSM016C Datasheet(PDF) 9 Page - NICHIA CORPORATION

Part # NSSM016C
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE FULL COLOR LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM016C Datasheet(HTML) 9 Page - NICHIA CORPORATION

Back Button NSSM016C Datasheet HTML 5Page - NICHIA CORPORATION NSSM016C Datasheet HTML 6Page - NICHIA CORPORATION NSSM016C Datasheet HTML 7Page - NICHIA CORPORATION NSSM016C Datasheet HTML 8Page - NICHIA CORPORATION NSSM016C Datasheet HTML 9Page - NICHIA CORPORATION NSSM016C Datasheet HTML 10Page - NICHIA CORPORATION NSSM016C Datasheet HTML 11Page - NICHIA CORPORATION NSSM016C Datasheet HTML 12Page - NICHIA CORPORATION NSSM016C Datasheet HTML 13Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BLUE, GREEN
RED
350
300
0
50
250
200
150
100
300
110
50
20
10
35
200
140
120
60
0
40
20
80
100
020
40
60
100 120
80
200
100
50
20
10
5
1
6
5
4
2
1
0
3
60
80
100
40
020
2.0
1.0
0.5
0.2
020
60 80 100
40
-40 -20
0
20
60 80 100
40
-40 -20
1
5
10 20
100
50
1.6 2.0
2.8
3.6 4.0
4.8
2.4
3.2
4.4
4.4
4.0
3.6
2.4
2.0
1.6
2.8
3.2
BLUE, GREEN
RED
60
80
100
40
020
Forward Current IFP (mA)
Ambient Temperature vs.
Power Dissipation
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Relative Luminosity
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Forward Voltage
Ambient Temperature Ta (°C)
Duty Ratio (%)
Forward Current vs.
Relative Luminosity
Forward Voltage VF (V)
Forward Voltage vs.
Forward Current
Duty Ratio vs.
Allowable Forward Current
(Ta=25°C)
(Ta=25°C)
(Ta=25°C)
Ambient Temperature vs.
Power Dissipation
Ambient Temperature Ta (°C)
(IFP=20mA)
(IFP=20mA)
BLUE
RED
GREEN
BLUE
RED
GREEN
(NOTE)
The value for one device should be within the absolute maximum rating
when one or two and more devices are lit (Full color).
Total value should be within the absolute maximum rating when two and
more devices are lit (Full color).
BLUE
RED
GREEN
BLUE
RED
GREEN
CHARACTERISTICS
Model
NSSM016C
NICHIA CORPORATION Title
No.
060403651241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com