Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381EL331M350K452 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 381EL331M350K452
Description  105 ?C Ultra-Long Life Snap-In, Aluminum
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

381EL331M350K452 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  381EL331M350K452 Datasheet HTML 1Page - List of Unclassifed Manufacturers 381EL331M350K452 Datasheet HTML 2Page - List of Unclassifed Manufacturers 381EL331M350K452 Datasheet HTML 3Page - List of Unclassifed Manufacturers 381EL331M350K452 Datasheet HTML 4Page - List of Unclassifed Manufacturers 381EL331M350K452 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 381EL 105 ºC Ultra-Long Life Snap-In, Aluminum
Specifications
Operating Temperature:
–40 °C to + 105 °C up to 300 V, –25 ºC to 105 ºC ≥315 V
Rated Voltage:
160 to 450 Vdc
Capacitance:
39 µF to 2,200 µF ± 20%
Leakage Current:
≤3 √CV µA, at 5 minutes
Ripple Current Multipliers:
Ambient Temperature
Frequency
EIA Ripple Life:
20,000 h at 85 °C,per EIA IS-749 with 105 ºC ripple current.
∆ Capacitance ±20%
ESR 200% of limit
Load LifeTest:
7000 h at full load at 105 °C
∆Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Shelf Life:
1000 h at 105 °C
∆ Capacitance ± 20%
ESR 200% of limit
DCL 100% of limit
Vibration:
10 to 55 Hz, 0.06" and 10 g max, 2 h each plane
Highlights
45 ºC
60 ºC
70 ºC
85 ºC
105 ºC
2.35
2.20
2.00
1.55
1.00
50Hz
60 Hz 120 Hz
500 Hz
1 kHz
10 kHz
& up
0.75
0.80
1.00
1.20
1.25
1.40
More than 100,000 Hours Operation at 65 °C and Rated 105 °C Ripple
The new 381EL extends expected life capability to 15 years or more
in typical applications. And that’s with the 105 °C rated ripple cur-
rent applied. With 3.5 times the life of our long-life Type 381LX, the
Type 381EL is the choice for hot applications like industrial power
supplies, inverter lighting systems and motor drives.
High value extended life.
Withstands 7000 hours at 105 °C with rated ripple current.
Expected life more than 100,000 hours at 65 °C with rated ripple.
Rated voltage to 450 Vdc.
Made in USA.
50% more ripple current than 381L.
•
•
•
•
•
•
Complies with the EU Directive
2002/95/EC requirement
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls
(PBB) and PolyBrominated
Diphenyl Ethers (PBDE).


Similar Part No. - 381EL331M350K452

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381EL331M350K452 CDE-381EL331M350K452 Datasheet
372Kb / 5P
Ultra-Long Life Snap-In, Aluminum
More results

Similar Description - 381EL331M350K452

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381EL CDE-381EL Datasheet
372Kb / 5P
Ultra-Long Life Snap-In, Aluminum
logo
Vishay Siliconix
090PUL-SI VISHAY-090PUL-SI Datasheet
110Kb / 7P
Aluminum Capacitors Power Ultra Long Life Snap-In
13-Sep-12
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
Aluminum Capacitors Power Ultra Long Life Snap-In
18-Aug-08
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
Aluminum Capacitors Power Ultra Long Life Snap-In
14-Oct-08
158PUL-SI VISHAY-158PUL-SI_11 Datasheet
115Kb / 9P
Aluminum Capacitors Power Ultra Long Life Snap-In
17-Aug-11
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
Aluminum Capacitors Power Ultra Long Life Snap-In
09-Mar-12
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
Aluminum Capacitors Power Ultra Long Life Snap-In
11-Oct-13
158PULSI VISHAY-158PULSI_15 Datasheet
108Kb / 9P
Aluminum Capacitors Power Ultra Long Life Snap-In
11-Oct-13
logo
United Chemi-Con, Inc.
ELXG500VSN CHEMI-CON-ELXG500VSN Datasheet
457Kb / 3P
Long life snap-ins, 105?
ELXS421VSN CHEMI-CON-ELXS421VSN Datasheet
426Kb / 3P
Long life snap-ins, 105?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com