Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSTM515AS Datasheet(PDF) 4 Page - NICHIA CORPORATION

Part # NSTM515AS
Description  SPECIFICATIONS FOR NICHIA FULL COLOR LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSTM515AS Datasheet(HTML) 4 Page - NICHIA CORPORATION

  NSTM515AS Datasheet HTML 1Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 2Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 3Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 4Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 5Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 6Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 7Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 8Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
-3-
Nichia
STSE-CM2199B
<Cat.No.030526>
6.RELIABILITY
(1) TEST ITEMS AND RESULTS
Test Item
Standard
Test Method
Test Conditions
Note
Number of
Damaged
Resistance to
Soldering Heat
JEITA ED-4701
300 302
Tsld=260 ± 5°C,
10sec.
3mm from the base of the epoxy bulb
1 time
0/100
Solderability
JEITA ED-4701
300 303
Tsld=235 ± 5°C,
5sec.
(using flux)
1 time
over 95%
0/100
Thermal Shock
JEITA ED-4701
300 307
0°C ~ 100°C
15sec.
15sec.
100 cycles
0/100
Temperature Cycle
JEITA ED-4701
100 105
-40°C ~ 25°C ~ 100°C ~ 25°C
30min. 5min. 30min. 5min.
100 cycles
0/100
Moisture Resistance Cyclic
JEITA ED-4701
200 203
25°C ~ 65°C ~ -10°C
90%RH
24hrs./1cycle
10 cycles
0/100
Terminal Strength
(bending test)
JEITA ED-4701
400 401
Load 5N (0.5kgf)
0° ~ 90° ~ 0° bend 2 times
Nonoticeable
damage
0/100
Terminal Strength
(pull test)
JEITA ED-4701
400 401
Load 10N (1kgf)
10 ± 1 sec.
Nonoticeable
damage
0/100
High Temperature Storage
JEITA ED-4701
200 201
Ta=100°C
1000hrs.
0/100
Temperature Humidity
Storage
JEITA ED-4701
100 103
Ta=60°C,
RH=90%
1000hrs.
0/100
Low Temperature Storage
JEITA ED-4701
200 202
Ta=-40°C
1000hrs.
0/100
Steady State Operating Life
! Ta=25°C,
B,G
IF=12mA
R
IF=20mA
1000hrs.
0/100
Steady State Operating Life
of High Humidity Heat
! 60°C, RH=90%, B,G IF=8.5mA
R
IF=13mA
500hrs.
0/100
Steady State Operating Life
of Low Temperature
! Ta=-20°C,
B,G
IF=8.5mA
R
IF=13mA
1000hrs.
0/100
! Value for one LED device (Single color).
(2) CRITERIA FOR JUDGING THE DAMAGE
(Value for one LED device (Single color).)
Criteria for Judgement
Item
Symbol
Test Conditions
Min.
Max.
Forward Voltage
VF
B,G,R
IF=20mA
-
U.S.L.*)$ 1.1
Reverse Current
IR
B,G,R
VR=5V
-
U.S.L.*)$ 2.0
Luminous Intensity
IV
B,G,R
IF=20mA
L.S.L.**)$ 0.7
-
*) U.S.L. : Upper Standard Level
**) L.S.L. : Lower Standard Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com