Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5701PAP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5701PAP
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5701PAP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS5701PAP Datasheet HTML 8Page - Texas Instruments TAS5701PAP Datasheet HTML 9Page - Texas Instruments TAS5701PAP Datasheet HTML 10Page - Texas Instruments TAS5701PAP Datasheet HTML 11Page - Texas Instruments TAS5701PAP Datasheet HTML 12Page - Texas Instruments TAS5701PAP Datasheet HTML 13Page - Texas Instruments TAS5701PAP Datasheet HTML 14Page - Texas Instruments TAS5701PAP Datasheet HTML 15Page - Texas Instruments TAS5701PAP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
RESET TIMING (RESET) AND POWER-ON RESET
t
w(RESET)
Earliesttime
thathardmute
couldbeexited
RESET
VALID
t
d(VALID_LOW)
t
d(START)
Startsystem
T0029-05
100
s
m
3.6V
DVDD
3.0V
0V
RESET
POWER-DOWN (PDN) TIMING
PDN
VALID
t
d(STARTUP)
t
d(VALID_LOW)
T0030-04
t
w
TAS5701
SLOS559 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
Control signal parameters over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
td(VALID_LOW)
Time to assert VALID (reset to power stage) low
100
ns
tw(RESET)
Pulse duration, RESET active
100
200
ms
td(START)
Time to start-up
3.6
ms
Figure 4. Reset Timing
When power is applied to DVDD, RESET must be held low for at least 100
µs after DVDD reaches 3.0 V.
Figure 5. Power-On Reset Timing
Control signal parameters over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
td(VALID_LOW)
Time to assert VALID (reset to power stage) low
725
µs
td(STARTUP)
Device start-up time
650
µs
tw
Minimum pulse duration required
1
µs
Figure 6. Power-Down Timing
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com