Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5705 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5705
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5705 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5705 Datasheet HTML 9Page - Texas Instruments TAS5705 Datasheet HTML 10Page - Texas Instruments TAS5705 Datasheet HTML 11Page - Texas Instruments TAS5705 Datasheet HTML 12Page - Texas Instruments TAS5705 Datasheet HTML 13Page - Texas Instruments TAS5705 Datasheet HTML 14Page - Texas Instruments TAS5705 Datasheet HTML 15Page - Texas Instruments TAS5705 Datasheet HTML 16Page - Texas Instruments TAS5705 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
RESET TIMING (RESET)
t
w(RESET)
Earliesttime
thathardmute
couldbeexited
RESET
VALID
t
d(VALID_LOW)
t
d(I2C_ready)
Startsystem
t
d(run)
Systeminitialization.
EnableviaI C.
2
T0029-05
POWER-DOWN (PDN) TIMING
PDN
VALID
t
d(STARTUP)
t
d(VALID_LOW)
T0030-04
t
w
TAS5705
www.ti.com ...................................................................................................................................................................................................... SLOS549 – JUNE 2008
Control signal parameters over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
td(VALID_LOW)
Time to assert VALID (reset to power stage) low
100
ns
tw(RESET)
Pulse duration, RESET active
100
200
ns
td(I2C_ready)
Time to enable I2C
3.5
ms
td(run)
Device start-up time (after start-up command via I2C)
10
ms
NOTE: RESET must be asserted low at least 100
µs after DVDD reaches 3.0 V.
Figure 5. Reset Timing
Control signal parameters over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
td(VALID_LOW)
Time to assert VALID (reset to power stage) low
725
µs
td(STARTUP)
Device startup time
650
µs
tw
Minimum pulse duration required
1
µs
Figure 6. Power-Down Timing
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TAS5705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com