Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2211RCPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLK2211RCPR
Description  ETHERNET TRANSCEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2211RCPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLK2211RCPR Datasheet HTML 9Page - Texas Instruments TLK2211RCPR Datasheet HTML 10Page - Texas Instruments TLK2211RCPR Datasheet HTML 11Page - Texas Instruments TLK2211RCPR Datasheet HTML 12Page - Texas Instruments TLK2211RCPR Datasheet HTML 13Page - Texas Instruments TLK2211RCPR Datasheet HTML 14Page - Texas Instruments TLK2211RCPR Datasheet HTML 15Page - Texas Instruments TLK2211RCPR Datasheet HTML 16Page - Texas Instruments TLK2211RCPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
APPLICATION INFORMATION
8B/10B TRANSMISSION CODE
_
+
VDD
GND
5kΩ
7.5kΩ
RXP
RXN
GND
5kΩ
7.5kΩ
VDD
ZO
ZO
ZO
ZO
TXP
TXN
Transmitter
Media
Receiver
_
+
VDD
GND
5kΩ
7.5kΩ
RXP
RXN
GND
5kΩ
7.5kΩ
VDD
ZO
ZO
ZO
ZO
TXP
TXN
Transmitter
Media
Receiver
TLK2211
www.ti.com ................................................................................................................................................................ SLLS873B – MAY 2008 – REVISED JULY 2008
The PCS maps GMII signals into ten-bit code groups and vice versa, using an 8b/10b block coding scheme. The
PCS uses the transmission code to improve the transmission characteristics of information to be transferred
across the link. The encoding defined by the transmission code ensures that sufficient transitions are present in
the PHY bit stream to make clock recovery possible in the receiver. Such encoding also greatly increases the
likelihood of detecting any single or multiple bit errors that may occur during transmission and reception of
information. The 8b/10b transmission code specified for use has a high transition density, is run length limited,
and is dc-balanced. The transition density of the 8b/10b symbols ranges from 3 to 8 transitions per symbol. The
definition of the 8b/10b transmission code is specified in IEEE 802.3 Gigabit Ethernet and ANSI X3.230-1994
(FC
−PH), clause 11.
8b/10b transmission code uses letter notation describing the bits of an unencoded information octet. The bit
notation of A,B,C,D,E,F,G,H for an unencoded information octet is used in the description of the 8b/10b
transmission code-groups, where A is the LSB. Each valid code group has been given a name using the
following convention: /Dx.y/ for the 256 valid data code-groups and /Kx.y/ for the special control code-groups,
where y is the decimal value of bits EDCBA and x is the decimal value of bits HGF (noted as K<HGF.EDCBA>).
Thus, an octet value of FE representing a code-group value of K30.7 would be represented in bit notation as 111
11110.
Figure 8. High-Speed I/O Directly-Coupled Mode
Figure 9. High-Speed I/O AC-Coupled Mode
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :TLK2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com