Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2016D2 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2016D2
Description  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA2016D2 Datasheet HTML 9Page - Texas Instruments TPA2016D2 Datasheet HTML 10Page - Texas Instruments TPA2016D2 Datasheet HTML 11Page - Texas Instruments TPA2016D2 Datasheet HTML 12Page - Texas Instruments TPA2016D2 Datasheet HTML 13Page - Texas Instruments TPA2016D2 Datasheet HTML 14Page - Texas Instruments TPA2016D2 Datasheet HTML 15Page - Texas Instruments TPA2016D2 Datasheet HTML 16Page - Texas Instruments TPA2016D2 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
V
-dBV
IN
V
-dBV
IN
Increasing
FixedGain
Decreasing
FixedGain
TPA2016D2
www.ti.com ............................................................................................................................................................. SLOS524B – JUNE 2008 – REVISED JUNE 2008
Figure 21. Input Signal Voltage vs Gain
Thus the AGC performs a mapping of the input signal vs. the output signal amplitude. This mapping can be
modified according to the variables from Table 1.
The following graphs and explanations show the effect of each variable to the AGC independently and which
considerations should be taken when choosing values.
Fixed Gain: The fixed gain determines the initial gain of the AGC. Set the gain using the following variables:
• Set the fixed gain to be equal to the gain when the AGC is disabled.
• Set the fixed gain to maximize SNR.
• Set the fixed gain such that it will not overdrive the speaker.
Figure 22 shows how the fixed gain influences the input signal amplitude vs. the output signal amplitude state
diagram. The dotted 1:1 line is displayed for reference. The 1:1 line means that for a 1dB increase in the input
signal, the output increases by 1dB.
Figure 22. Output Signal vs Input Signal State Diagram Showing Different Fixed Gain Configurations
If the Compression function is enabled, the Fixed Gain is adjustable from –28dB to 30dB. If the Compression
function is disabled, the Fixed gain is adjustable from 0dB to 30dB.
Limiter Level: The Limiter level sets the maximum amplitude allowed at the output of the amplifier. The limiter
should be set with the following constraints in mind:
• Below or at the maximum power rating of the speaker
• Below the minimum supply voltage in order to avoid clipping
Figure 23 shows how the limiter level influences the input signal amplitude vs. the output signal amplitude state
diagram.
Copyright © 2008, Texas Instruments Incorporated
13
Product Folder Link(s): TPA2016D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com