| Electronic Components Datasheet Search |
|
TPA2016D2RGPR Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPA2016D2RGPR Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 35 page ![]() MULTIPLE-BYTE WRITE AND INCREMENTAL MULTIPLE-BYTE WRITE Register SINGLE-BYTE READ A6 A5 A0 R/W ACK A7 A6 A5 A4 A0 ACK A6 A5 A0 ACK Start Condition Stop Condition Acknowledge Acknowledge Acknowledge I2CDeviceAddressand Read/WriteBit Register DataByte D7 D6 D1 D0 ACK I2CDeviceAddressand Read/WriteBit Not Acknowledge R/W A1 A1 RepeatStart Condition MULTIPLE-BYTE READ A6 A0 ACK Acknowledge I2CDeviceAddressand Read/WriteBit R/W A6 A0 R/W ACK A0 ACK D7 D0 ACK Start Condition Stop Condition Acknowledge Acknowledge Acknowledge LastDataByte ACK FirstDataByte RepeatStart Condition Not Acknowledge I2CDeviceAddressand Read/WriteBit Register OtherDataBytes A7 A6 A5 D7 D0 ACK Acknowledge D7 D0 TPA2016D2 www.ti.com ............................................................................................................................................................. SLOS524B – JUNE 2008 – REVISED JUNE 2008 A multiple-byte data write transfer is identical to a single-byte data write transfer except that multiple data bytes are transmitted by the master device to the TPA2016D2 as shown in Figure 33. After receiving each data byte, the TPA2016D2 responds with an acknowledge bit. Figure 33. Multiple-Byte Write Transfer As Figure 34 shows, a single-byte data read transfer begins with the master device transmitting a start condition followed by the I2C device address and the read/write bit. For the data read transfer, both a write followed by a read are actually executed. Initially, a write is executed to transfer the address byte of the internal memory address to be read. As a result, the read/write bit is set to a '0'. After receiving the TPA2016D2 address and the read/write bit, the TPA2016D2 responds with an acknowledge bit. The master then sends the internal memory address byte, after which the TPA2016D2 issues an acknowledge bit. The master device transmits another start condition followed by the TPA2016D2 address and the read/write bit again. This time the read/write bit is set to '1', indicating a read transfer. Next, the TPA2016D2 transmits the data byte from the memory address being read. After receiving the data byte, the master device transmits a not-acknowledge followed by a stop condition to complete the single-byte data read transfer. Figure 34. Single-Byte Read Transfer A multiple-byte data read transfer is identical to a single-byte data read transfer except that multiple data bytes are transmitted by the TPA2016D2 to the master device as shown in Figure 35. With the exception of the last data byte, the master device responds with an acknowledge bit after receiving each data byte. Figure 35. Multiple-Byte Read Transfer Copyright © 2008, Texas Instruments Incorporated 21 Product Folder Link(s): TPA2016D2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |