Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9518DBRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # PCA9518DBRG4
Description  EXPANDABLE FIVE-CHANNEL I2C HUB
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9518DBRG4 Datasheet(HTML) 2 Page - Texas Instruments

  PCA9518DBRG4 Datasheet HTML 1Page - Texas Instruments PCA9518DBRG4 Datasheet HTML 2Page - Texas Instruments PCA9518DBRG4 Datasheet HTML 3Page - Texas Instruments PCA9518DBRG4 Datasheet HTML 4Page - Texas Instruments PCA9518DBRG4 Datasheet HTML 5Page - Texas Instruments PCA9518DBRG4 Datasheet HTML 6Page - Texas Instruments PCA9518DBRG4 Datasheet HTML 7Page - Texas Instruments PCA9518DBRG4 Datasheet HTML 8Page - Texas Instruments PCA9518DBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
PCA9518
EXPANDABLE FIVE-CHANNEL I2C HUB
SCPS132A – JUNE 2006 – REVISED JULY 2007
The device is designed for 3-V to 3.6-V VCC operation, but it has 5-V tolerant I
2C and enable (EN) input pins.
This feature allows for translation from 3 V to 5 V between a master and slave. The enable pin also can be used
to electrically isolate a repeater segment from the I2C bus. This is useful in cases where one segment needs to
run at 100 kHz while the rest of the system is at 400 kHz. If the master is running at 400 kHz, the maximum
system operating frequency may be less than 400 kHz, because of the delays added by the repeater.
The output low levels for each internal buffer are approximately 0.5 V, but the input voltage of each internal
buffer must be 70 mV or more below the output low level, when the output internally is driven low. This prevents
a lockup condition from occurring when the input low condition is released.
A PCA9518 cluster cannot be put in series with a repeater such as the PCA9515 or another PCA9518 cluster,
as the design does not allow this configuration. Multiple PCA9518 devices can be grouped with other PCA9518
devices into any size cluster using the EXPxxxx pins that allow the I2C signals to be sent or received from one
PCA9518 to another PCA9518 within the cluster. Because there is no direction pin, slightly different valid low
voltage levels are used to avoid lockup conditions between the input and the output of individual repeaters in the
cluster. A valid low applied at the input of any of the PCA9518 devices is propagated as a buffered low, with a
slightly higher value, to all enabled outputs in the PCA9518 cluster. When this buffered low is applied to another
repeater or separate PCA9518 cluster (not connected via the EXPxxxx pins) in series, the second repeater or
PCA9518 cluster does not recognize it as a regular low and does not propagate it as a buffered low again. For
this reason, the PCA9518 should not be put in series with other repeater or PCA9518 clusters.
The PCA9518 has five multidirectional open-drain buffers designed to support the standard low-level-contention
arbitration of the I2C bus. Except during arbitration or clock stretching, the PCA9518 acts like a pair of
noninverting open-drain buffers, one for SDA and one for SCL.
There is an internal power-on-reset circuit (VPOR) that allows for an initial condition and the ramping of VCC to set
the internal logic.
As with the standard I2C system, pullup resistors are required on each SDAn and SCLn to provide the logic high
levels on the buffered bus. The size of these pullup resistors depends on the system, but it is essential that each
side of the repeater have a pullup resistor. The device is designed to work with standard-mode and fast-mode
I2C devices in addition to SMBus devices. Standard-mode I2C devices only specify 3 mA in a generic I2C system
where standard-mode devices and multiple masters are possible.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com