Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8260 Datasheet(PDF) 29 Page - Analog Devices

Part # AD8260
Description  High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8260 Datasheet HTML 24Page - Analog Devices AD8260 Datasheet HTML 25Page - Analog Devices AD8260 Datasheet HTML 26Page - Analog Devices AD8260 Datasheet HTML 27Page - Analog Devices AD8260 Datasheet HTML 28Page - Analog Devices AD8260 Datasheet HTML 29Page - Analog Devices AD8260 Datasheet HTML 30Page - Analog Devices AD8260 Datasheet HTML 31Page - Analog Devices AD8260 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD8260
Rev. 0 | Page 29 of 32
–VS
U1
AD8260
DIS
+VS
–VS
+VS
29
30
31
32
28
25
26
27
VOCM
VNEG
VPSB
VGAN
VGAP
ENBL
VNCM
VMDO
TXEN
VMDI
8
7
6
5
1
4
3
2
FDBK
VMDO
PRAI
TXOP
VPOS
VPSR
VPOS
TXOP
20
17
18
19
21
22
23
24
14
13
912
11
10
15
16
VNGR
VNGR
VMDO
C14
0.1µF
VMDI
L1
120 nH
FB
EN
TXEN
GND4
GND3
GND2
VPSB
TX_EN
C15
0.1µF
C13
0.1µF
VPSB
VPS
DIS
EN
ENABLE
R19
0Ω
R4
C22
0.1µF
C16
0.1µF
+VS
GNS0
GNS1
GNS2
GNS3
H
L
R6
100Ω
R5
100Ω
R20
0Ω
PREAMP_IN
R10
49.9Ω
PRAO
R11
453Ω
R3
TXOP
R9
0Ω
R7
0Ω
R21
0Ω
R18
+VS
L7
120nH
FB
L6
120nH
FB
L5
120nH
FB
L4
120nH
FB
L3
120nH
FB
L2
120nH
FB
–VS
R17
R15
R16
R14
OR
CCOMP
GND6
GND5
GND
C19
0.1µF
C8
0.1µF
C1
0.1µF
C11
0.1µF
C12
0.1µF
C6
0.1µF
C7
0.1µF
C20
0.1µF
C10
0.1µF
C5
0.1µF
C17
0.1µF
C2
0.1µF
C9
0.1µF
C18
0.1µF
INRP
INRN
R12
49.9Ω
R13
49.9Ω
INR
INP
TX _ OP
VGAN
VGAP
R2
453Ω
R1
453Ω
VGA _ OUT
PRAI
PRAO
GND1
C3
10µF
C4
10µF
+
+
ENBL
–VS
–VS
C23
0.1µF
C10
0.1µF
Figure 70. AD8260 Evaluation Board—Schematic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com