Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5321 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5321
Description  2.3 GHz to 4.0 GHz RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5321 Datasheet HTML 4Page - Analog Devices ADL5321 Datasheet HTML 5Page - Analog Devices ADL5321 Datasheet HTML 6Page - Analog Devices ADL5321 Datasheet HTML 7Page - Analog Devices ADL5321 Datasheet HTML 8Page - Analog Devices ADL5321 Datasheet HTML 9Page - Analog Devices ADL5321 Datasheet HTML 10Page - Analog Devices ADL5321 Datasheet HTML 11Page - Analog Devices ADL5321 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADL5321
Rev. 0 | Page 8 of 16
3.400
3.425
3.450
3.475
3.500
3.525
3.550
3.575
3.600
45
40
35
30
25
20
15
10
5
0
FREQUENCY (GHz)
GAIN
P1dB
OIP3 (5dBm)
NOISE FIGURE
Figure 9. Gain, P1dB, OIP3, and Noise Figure vs. Frequency,
3.4 GHz to 3.6 GHz
3.400
3.425
3.450
3.475
3.500
3.525
3.550
3.575
3.600
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
FREQUENCY (GHz)
–40°C
+85°C
+25°C
Figure 10. Gain vs. Frequency and Temperature, 3.4 GHz to 3.6 GHz
–25
–26
–27
–28
–29
–30
–31
–32
–33
–34
–35
0
–5
–10
–15
–20
–25
–30
FREQUENCY (MHz)
3.2
3.3
3.4
3.6
3.5
3.7
3.8
3.9
4.0
S11
S12
S22
Figure 11. Reverse Isolation (S12), Input Return Loss (S11), and
Output Return Loss (S22) vs. Frequency, 3.2 GHz to 4.0 GHz
42
41
40
39
38
37
36
35
34
33
32
30
29
28
27
26
25
24
FREQUENCY (MHz)
3.400
3.425
3.450
3.475
3.500
3.525
3.550
3.575
3.600
P1dB (–40°C)
P1dB (+85°C)
OIP3 (+25°C)
OIP3 (+85°C)
OIP3 (–40°C)
P1dB (+25°C)
Figure 12. OIP3 and P1dB vs. Frequency and Temperature,
3.4 GHz to 3.6 GHz
42
40
38
36
34
32
30
–4 –2
0
2
4
6
8
10
12
141618
20
22
POUT (dBm)
3.6GHz
3.5GHz
3.4GHz
Figure 13. OIP3 vs. POUT and Frequency, 3.4 GHz to 3.6 GHz
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
FREQUENCY (GHz)
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
–40°C
+25°C
+85°C
Figure 14. Noise Figure vs. Frequency and Temperature,
3.2 GHz to 4.0 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com