Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8293G160BRJZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8293G160BRJZ-R2
Description  Low Cost, Zero-Drift In-Amp with Filter and Fixed Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8293G160BRJZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8293G160BRJZ-R2 Datasheet HTML 1Page - Analog Devices AD8293G160BRJZ-R2 Datasheet HTML 2Page - Analog Devices AD8293G160BRJZ-R2 Datasheet HTML 3Page - Analog Devices AD8293G160BRJZ-R2 Datasheet HTML 4Page - Analog Devices AD8293G160BRJZ-R2 Datasheet HTML 5Page - Analog Devices AD8293G160BRJZ-R2 Datasheet HTML 6Page - Analog Devices AD8293G160BRJZ-R2 Datasheet HTML 7Page - Analog Devices AD8293G160BRJZ-R2 Datasheet HTML 8Page - Analog Devices AD8293G160BRJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8293G80/AD8293G160
Rev. 0 | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
+VSUPPLY
Differential Input Voltage1
±VSUPPLY
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range (RJ Package)
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range (RJ Package)
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
1 Differential input voltage is limited to ±5.0 V, the supply voltage, or
whichever is less.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 5.
Package Type
θJA1
θJC
Unit
8-Lead SOT-23 (RJ)
211.5
91.99
°C/W
1 θJA is specified for the nominal conditions, that is, θJA is specified for the
device soldered on a circuit board.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com