Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1NC60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # D1NC60
Description  N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh™ I MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D1NC60 Datasheet(HTML) 1 Page - STMicroelectronics

  D1NC60 Datasheet HTML 1Page - STMicroelectronics D1NC60 Datasheet HTML 2Page - STMicroelectronics D1NC60 Datasheet HTML 3Page - STMicroelectronics D1NC60 Datasheet HTML 4Page - STMicroelectronics D1NC60 Datasheet HTML 5Page - STMicroelectronics D1NC60 Datasheet HTML 6Page - STMicroelectronics D1NC60 Datasheet HTML 7Page - STMicroelectronics D1NC60 Datasheet HTML 8Page - STMicroelectronics D1NC60 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
December 2000
STD1NC60
N-CHANNEL 600V - 7
Ω - 1.4A - DPAK/IPAK
PowerMesh™II MOSFET
s
TYPICAL RDS(on) = 7 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
DESCRIPTION
The PowerMESH
™II is the evolution of the first
generation of MESH OVERLAY
™. The layout re-
finements introduced greatly improve the Ron*area
figure of merit while keeping the device at the lead-
ing edge for what concerns swithing speed, gate
charge and ruggedness.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVER
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
.
TYPE
VDSS
RDS(on)
ID
STD1NC60
600 V
< 8
Ω
1.4 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
600
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC = 25°C
1.4
A
ID
Drain Current (continuos) at TC = 100°C
0.9
A
IDM (1)
Drain Current (pulsed)
5.6
A
PTOT
Total Dissipation at TC = 25°C
35
W
Derating Factor
0.28
W/°C
dv/dt
Peak Diode Recovery voltage slope
3.5
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1)ISD ≤1.4A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
IPAK
3
2
1
1
3
DPAK
TO-251
TO-252
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - D1NC60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1N20 SHINDENGEN-D1N20 Datasheet
300Kb / 5P
General Purpose Rectifiers(200V 1A)
logo
National Semiconductor ...
D1N4003 NSC-D1N4003 Datasheet
261Kb / 26P
Hardware Monitor with Integrated Fan Control
logo
VoltarisTech Inc
D1N5806 VOLTARISTECH-D1N5806 Datasheet
311Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER
Rev.A1
logo
List of Unclassifed Man...
D1N5817 ETC-D1N5817 Datasheet
122Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 40 Volts Forward Current - 1.0Ampere
logo
Shindengen Electric Mfg...
D1N60 SHINDENGEN-D1N60 Datasheet
300Kb / 5P
General Purpose Rectifiers(600V 1A)
More results

Similar Description - D1NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1HNC60 STMICROELECTRONICS-STD1HNC60 Datasheet
268Kb / 9P
N-CHANNEL 600V - 4ohm - 2A - IPAK/DPAK PowerMesh™ I MOSFET
Feb-2001
STD1LNC60 STMICROELECTRONICS-STD1LNC60 Datasheet
274Kb / 9P
N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH™ I MOSFET
Feb-2001
STD1NB50 STMICROELECTRONICS-STD1NB50 Datasheet
87Kb / 8P
N - CHANNEL 500V - 7.5ohm - 1.4A IPAK PowerMESH MOSFET
Mar-2000
STD1NB60 STMICROELECTRONICS-STD1NB60 Datasheet
66Kb / 6P
N - CHANNEL 600V - 7.4ohm - 1A - IPAK/DPAK PowerMESH MOSFET
Nov-1999
STD2NB40 STMICROELECTRONICS-STD2NB40 Datasheet
66Kb / 6P
N - CHANNEL 400V - 3.5ohm - 2A - IPAK/DPAK PowerMESH MOSFET
Jul-1999
STD2NB50 STMICROELECTRONICS-STD2NB50 Datasheet
451Kb / 10P
N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh™ MOSFET
Sep-2001
STD2NC60 STMICROELECTRONICS-STD2NC60 Datasheet
283Kb / 9P
N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMesh™ II MOSFET
Jan-2001
STD3NC60 STMICROELECTRONICS-STD3NC60 Datasheet
460Kb / 10P
N-CHANNEL 600V - 1.8ohm - 3.2A DPAK / IPAK PowerMesh™ I MOSFET
Aug-2002
STD4NB40 STMICROELECTRONICS-STD4NB40 Datasheet
449Kb / 10P
N-CHANNEL 400V - 1.47ohm - 4A DPAK/IPAK PowerMESH™ MOSFET
Jun-2001
STP2NC70Z STMICROELECTRONICS-STP2NC70Z Datasheet
634Kb / 13P
N-CHANNEL 700V - 7.3ohm - 1.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESH™ II MOSFET
Feb-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com