Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2129 Datasheet(PDF) 12 Page - BCD Semiconductor Manufacturing Limited

Part # AP2129
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2129 Datasheet(HTML) 12 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2129 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2129 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2129 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2129 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2129 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2129 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2129 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2129 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2129 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2129
Data Sheet
12
Jul. 2008 Rev. 1.0
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 20. PSRR vs. Frequency
100
1000
10000
100000
0
10
20
30
40
50
60
70
80
90
100
Frequency (Hz)
I
OUT=10mA
I
OUT=300mA
ripple=1Vpp, C
OUT=1µF, VOUT=3.3V
Figure 21. Power Dissipation vs. Case Temperature
-40
-20
0
20
406080
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Case Temperature(
oC)
V
OUT=0.8V
No heatsink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com