Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3012 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP3012
Description  1.5MHz STEP-UP DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3012 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3012 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1.5MHz STEP-UP DC-DC CONVERTER
AP3012
7
Apr. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Data Sheet
Typical Performance Characteristics
Figure 4. Quiescent Current vs. Input Voltage
Figure 5. SHDN Pin Bias Current
Figure 6. Switching Frequency
Figure 7. Feedback Bias Current
04
8
12
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
IN
(V)
-50
oC
25
oC
100
oC
-50
-25
0
25
50
75
100
0.0
0.4
0.8
1.2
1.6
2.0
Junction Temperature (
oC)
-50
-25
0
25
50
75
100
0
10
20
30
40
50
60
70
Junction Temperature (
oC)
-50
-25
0
25
50
75
100
40
80
120
160
200
240
280
320
Junction Temperature (
oC)
SHDN=10V
SHDN=3.6V
SHDN=3V
SHDN=2.7V
vs. Junction Temperature
vs. Junction Temperature
vs. Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com