Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

330100M063JS2E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 330100M063JS2E
Description  -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

330100M063JS2E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  330100M063JS2E Datasheet HTML 1Page - List of Unclassifed Manufacturers 330100M063JS2E Datasheet HTML 2Page - List of Unclassifed Manufacturers 330100M063JS2E Datasheet HTML 3Page - List of Unclassifed Manufacturers 330100M063JS2E Datasheet HTML 4Page - List of Unclassifed Manufacturers 330100M063JS2E Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Type 330 –55 °C to 105 °C Ultra-Long-Life, Switching Power Grade Radial
Type 330 –55 °C to 105 °C Ultra-Long-Life, Switching Power Grade Radial
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864) 843-2277 • Fax: (864) 843-3800 • www.cde.com
10,000 h at full load at 85 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
500 h at 105 °C, capacitance, ESR and DCL, initial requirements
High Ripple and Ultra-Long Life
The Type 330 is the ultra-long-life version of the Type 300 capacitor.
With an astonishing, 50,000-hour
expected life operating
continuously at full load and 65 ºC the 330 is the choice for power
supply outputs and UPS battery stiffening. The exceptionally low
ESRs enable high ripple-current capability. With series inductance
of 12 to 16 nH and ripple currents to 16 amps one of these capacitors
can save by replacing three or four of the 12.5 mm diameter
capacitors routinely at the output of switching power supplies. Type
330 R delivers even lower ESR and higher ripple. Type 330 has three
leads for rugged, reverse-proof mounting. Two leads are available as
Types 331 and 331R.
Highlights
• Expected Life > 20 years @ 45 °C
• Ripple Current to 16 amps
• ESRs to 6
mΩ
• > 90% capacitance at –40 °C
• Replaces multiple capacitors
Specifications
Operating Temperature:
Rated Voltage:
Capacitance:
Capacitance Tolerance:
Leakage Current:
Cold Impedance:
Ripple Current Multipliers:
Frequency
–55 °C to +105 °C
6.3 to 250 Vdc
270 µF to 33,000 µF
6.3 to 100 Vdc; –10 + 75%, 160 to 250 Vdc; –10 + 50%
≤ 0.5 √CV µA, 4 mA max, 5 min.
–55 °C multiple of 25 °C Z ≤ 4 for 6.3 & 7.5 V, 3 for 10 to 50 V,
2 for > 50 V
Ambient Temperature
45 °C
55 °C
65 °C
75 °C
85 °C
95 °C
105 °C
1.66
1.52
1.37
1.20
1.00
0.75
0.36
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz 10 kHz & up
.77” Diameter
6.3 & 7.5 V
0.82
0.86
1.00
1.15
1.21
1.24
1.25
10 to 40 V
0.78
0.83
1.00
1.20
1.30
1.35
1.36
50V
0.76
0.81
1.00
1.25
1.38
1.45
1.47
63 & 75 V
0.74
0.80
1.00
1.28
1.43
1.52
1.54
100 to 250 V
0.76
0.81
1.00
1.24
1.37
1.44
1.46
.895” Diameter
6.3 & 7.5 V
0.82
0.86
1.00
1.14
1.20
1.23
1.24
10 to 40 V
0.80
0.84
1.00
1.17
1.25
1.29
1.30
50V
0.75
0.80
1.00
1.27
1.42
1.50
1.52
63 & 75 V
0.75
0.80
1.00
1.26
1.40
1.48
1.50
100 to 250 V
0.76
0.81
1.00
1.25
1.38
1.46
1.48
1.02” Diameter
6.3 & 7.5 V
0.84
0.88
1.00
1.12
1.17
1.19
1.20
10 to 40 V
0.81
0.86
1.00
1.15
1.22
1.25
1.26
50V
0.76
0.81
1.00
1.23
1.35
1.42
1.44
63 & 75 V
0.77
0.81
1.00
1.23
1.35
1.42
1.44
100 to 250 V
0.76
0.81
1.00
1.24
1.37
1.44
1.46
Load Life:
Shelf Life:
Complies with the EU Directive
2002/95/EC requirement
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls
(PBB) and PolyBrominated
Diphenyl Ethers (PBDE).


Similar Part No. - 330100M063JS2E

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
330102U100HP2 CDE-330102U100HP2 Datasheet
365Kb / 5P
Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
330102U100HP2 CDE-330102U100HP2 Datasheet
470Kb / 6P
High Ripple and Ultra-Long Life
330102U100JL2 CDE-330102U100JL2 Datasheet
365Kb / 5P
Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
330102U100JL2 CDE-330102U100JL2 Datasheet
470Kb / 6P
High Ripple and Ultra-Long Life
330103U016GT2 CDE-330103U016GT2 Datasheet
365Kb / 5P
Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
More results

Similar Description - 330100M063JS2E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
325442U6R3GE1 ETC2-325442U6R3GE1 Datasheet
331Kb / 4P
–55 ?C to 125 ?C Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
105 ?C Ultra-Long Life Snap-In, Aluminum
logo
Cornell Dubilier Electr...
330 CDE-330 Datasheet
365Kb / 5P
Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
520C CDE-520C Datasheet
357Kb / 7P
Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
550C CDE-550C Datasheet
390Kb / 7P
Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
logo
RUBYCON CORPORATION
35YXG1000M12.5X25 RUBYCON-35YXG1000M12.5X25 Datasheet
284Kb / 3P
105??High ripple current. Long Life.
35YXG1000MEFCG412.5X25 RUBYCON-35YXG1000MEFCG412.5X25 Datasheet
284Kb / 3P
105??High ripple current. Long Life.
50YXG220M10X16 RUBYCON-50YXG220M10X16 Datasheet
284Kb / 3P
105??High ripple current. Long Life.
logo
Cornell Dubilier Electr...
330 CDE-330_15 Datasheet
470Kb / 6P
High Ripple and Ultra-Long Life
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com