Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3710 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3710
Description  LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3710 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3710 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3710 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
AP3710
Preliminary Datasheet
2
BCD Semiconductor Manufacturing Limited
Nov. 2007 Rev. 1. 2
Pin Configuration
Figure 2. Pin Configuration of AP3710 (Top View)
GND
NC
VCC
OUT
NC
VA
NC
VSEN
8
7
6
5
1
2
3
4
Pin Description
Pin Number
Pin Name
Function
1
GND
Power supply ground
2
VCC
The power supply of the IC and this terminal is also used for the feedback control
3, 6, 8
NC
Not connected
4
OUT
The PWM output is directly connected to the emitter of NPN transistor or the source
of MOSFET
5VSEN
It is used for line voltage compensation, and PWM uses this to terminate the output
switch conduction
7VA
It is used for short circuit protection, and this terminal will be pulled down to low
level when short circuit happens at the load side
M/P Package
(SOIC-8/DIP-8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com