Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381LR331M400K042 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 381LR331M400K042
Description  Ultra-High-Ripple Snap-in More Ripple Current Capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LR331M400K042 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  381LR331M400K042 Datasheet HTML 1Page - Cornell Dubilier Electronics 381LR331M400K042 Datasheet HTML 2Page - Cornell Dubilier Electronics 381LR331M400K042 Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 381LR 105 °C Ultra-High-Ripple Snap-in
Specifications
Operating Temperature:
–40 °C to + 105 °C ≤ 315 Vdc
–25 °C to + 105 °C ≥ 350 Vdc
Rated Voltage:
200 to 450 Vdc
Capacitance:
56 µF to 2,200 µF ± 20%
Leakage Current:
≤3 √CV µA, 4 mA max, 5 minutes
Ripple Current Multipliers:
Ambient Temperature
Frequency
EIA Ripple Life:
10,000 h at 85 °C, full load per EIA IS-749
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Load LifeTest:
3000 h at full load at 105 °C
∆Capacitance 20%
ESR 200% of limit
DCL 100% of limit
Shelf Life:
1000 h at 105 °C
∆Capacitance 20%
ESR 200% of limit
DCL 100% of limit
Vibration:
10 to 55 Hz, 0.06" and 10 g max, 2 h each plane
Compared to standard 105 °C snap-ins like the Type 381L/LX
Type 381LR can handle an extra 25% ripple current or more. This
remarkable capability stems from advances in electrolyte that give
extremely low ESR values.In high ripple current applications like
motor drives you can save by using fewer capacitors.
Highlights
The right choice for motor drive bus capacitors
The right choice for UPS bus capacitors
Compare to Type 381L
Up to 2 times the ripple current
•
•
•
•
25% More Ripple Current Capability
45 ºC
60 ºC
70 ºC
85 ºC
105 ºC
2.35
2.20
2.00
1.70
1.00
50Hz
60 Hz
120 Hz 500 Hz 1 kHz 10 kHz
& up
0.75
0.80
1.00
1.20
1.25
1.40


Similar Part No. - 381LR331M400K042

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LR331M400K042 ETC2-381LR331M400K042 Datasheet
214Kb / 3P
105 째C Ultra-High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381LR331M400K042 CDE-381LR331M400K042 Datasheet
900Kb / 6P
Ultra-High Ripple Capabilities
More results

Similar Description - 381LR331M400K042

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LR ETC2-381LR Datasheet
214Kb / 3P
105 째C Ultra-High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381L CDE-381L Datasheet
409Kb / 10P
High-Ripple Snap-In
logo
Vishay Siliconix
198PHR-SI VISHAY-198PHR-SI Datasheet
98Kb / 7P
Aluminum Capacitors Power High Ripple Current Snap-In
08-Aug-08
193PUR-SI VISHAY-193PUR-SI Datasheet
90Kb / 4P
Aluminum Capacitors Power Ultra High Ripple Current Snap-In for Solar
21-Jun-12
logo
List of Unclassifed Man...
APSGXXXEXXXXXMXXXS ETC2-APSGXXXEXXXXXMXXXS Datasheet
86Kb / 2P
Super low ESR, high ripple current capability
logo
Vishay Siliconix
193PURSISOLAR VISHAY-193PURSISOLAR_15 Datasheet
88Kb / 4P
Aluminum Capacitors Power Ultra High Ripple Current Snap-In for Solar
13-Mar-15
198PHR VISHAY-198PHR_15 Datasheet
102Kb / 8P
Aluminum Capacitors, Power High Ripple Current Snap-In
15-Oct-13
logo
Kemet Corporation
C0402C100J8GACTU KEMET-C0402C100J8GACTU Datasheet
1Mb / 21P
High ripple current capability
C0402C519C5GACTU KEMET-C0402C519C5GACTU Datasheet
1Mb / 21P
High ripple current capability
logo
Nippon Precision Circui...
APSG250ELL331MJB5S NPC-APSG250ELL331MJB5S Datasheet
342Kb / 2P
Super low ESR, high ripple current capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com