Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2000 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 2000
Description  Snubber Capacitors Oil-Filled, Metallic Case for Snubber Applications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

2000 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  2000 Datasheet HTML 1Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Type SNU Snubber Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Oil-Filled, Metallic Case for Snubber Applications
With a robust film/paper/extended foil construction,
Type SNU capacitors have low inductance and high
peak current ratings that make them ideal for power
snubber applications. The Type SNU may be used to
reduce voltage transients across semiconductor devices
such as SCRs.
Highlights
• High peak current rating
• Film/paper/extended foil construction
• Internally protected (not UL recognized)
• Aluminum Case (tinplate steel may be substituted
for aluminum)
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolereance:
Temperature Range:
Dissipation Factor:
Self Inductance:
0.05 µF to 2.0 µF
1000 Vpk, 2000 Vpk
±10%
—50 ºC to +70 ºC
.3% Maximum
0.10 µHn Maximum
Ratings
Outline Drawing
Current
Cap
Catalog
Case Height (H) @ 55 ºC
(µF)
Part Number
Code (Inches)
(Arms)
1000 Vpk
0.10
SNU102K104R-F
A
2.13
3
0.25
SNU102K254R-F
A
2.13
4
0.50
SNU102K504R-F
A
2.13
6
1.00
SNU102K105R-F
A
2.13
7
2.00
SNU102K205R-F
A
3.13
11
2000 Vpk
0.05
SNU202K503R-F
A
2.13
2
0.10
SNU202K104R-F
A
2.13
3
0.25
SNU202K254R-F
A
2.13
4
0.50
SNU202K504R-F
A
2.88
7
1.00
SNU202K105R-F
A
4.50
12
Complies with the EU Directive
2 0 0 2 / 9 5 / E C r e q u i r e m e n t
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB)
and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - 2000

ManufacturerPart #DatasheetDescription
logo
Make-Ps
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
Single, Dual, Triple Output DC/DC Converter
logo
Keysight Technologies
2000 KEYSIGHT-2000 Datasheet
2Mb / 24P
InfiniiVision 2000 X-Series Oscilloscopes
logo
3M Electronics
2000 3M-2000 Datasheet
15Kb / 2P
2000 Electrician’s Duct Tape
logo
Enercon Technologies Eu...
2000 ENERCON-2000 Datasheet
847Kb / 3P
Military Ethernet to Serial, GPIO Unit
July 24, 2023
logo
Heyco.
2000 HEYCO-2000 Datasheet
133Kb / 1P
Snap Bushings
More results

Similar Description - 2000

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DPPM10D1K-F CDE-DPPM10D1K-F Datasheet
303Kb / 2P
Polypropylene Film Capacitors Great for Compact Snubber Applications
logo
Electronic Film Capacit...
M1206EFR EFC-M1206EFR Datasheet
16Kb / 1P
Snubber Capacitors Polypropylene
M1206TC EFC-M1206TC Datasheet
14Kb / 1P
Snubber Capacitors Polypropylene
MF1206TF EFC-MF1206TF Datasheet
14Kb / 1P
Snubber Capacitors Polypropylene
logo
Jianghai Europe GmbH
CBB161GIG JIANGHAI-CBB161GIG Datasheet
478Kb / 5P
Polypropylene Film Capacitors for Snubber Applications
CBB161IL JIANGHAI-CBB161IL Datasheet
548Kb / 6P
Polypropylene Film Capacitors for Snubber Applications
CBB162IP JIANGHAI-CBB162IP Datasheet
438Kb / 5P
Polypropylene Film Capacitors for Snubber Applications
CBB165IS JIANGHAI-CBB165IS Datasheet
537Kb / 6P
Polypropylene Film Capacitors for Snubber Applications
logo
Cornell Dubilier Electr...
941C CDE-941C Datasheet
353Kb / 5P
Polypropylene Capacitors, for Pulse, Snubber
SNU CDE-SNU Datasheet
203Kb / 2P
Snubber Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com