Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKA331M063 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SKA331M063
Description  Axial Leaded Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SKA331M063 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SKA331M063 Datasheet HTML 1Page - Cornell Dubilier Electronics SKA331M063 Datasheet HTML 2Page - Cornell Dubilier Electronics SKA331M063 Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SKA Axial Leaded Aluminum Electrolytic Capacitors
85 ºC Extended Life General Purpose Capacitor
Type SKA is an axial leaded, 85 ºC, 2000 hour extend-
ed life general purpose capacitor with a high CV per
case size rating. It is suitable for consumer electronic
products such as radio and TV applications.
Highlights
General purpose
High CV per case size
Miniature Size
Available on T&R or Ammo Pack
•
•
•
•
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Termperature Range:
Dissipation Factor:
DC Leakage Current:
Ripple Current Multipliers:
QA Stability Test:
0.47 to 15,000 µF
6.3 to 450 WVdc
±20%
–40 ºC to 85 ºC
Rated Voltage (V) 6.3 10 16 25 35 50 63 100 160 - 350 400 - 450
tan (δ)
0.24 0.2 0.17 0.15 0.12 0.10 0.10 0.10 0.20
0.25
For capacitance >1,000 µF, add .002 for every increase of 1,000 µF at
120 Hz, 20 ºC
6.3 to 100 Vdc; I = .01CV or 3 µA @ 5 minutes
>100Vdc; I = .01CV + 100 µA
C = Capacitance in µF
V = Rated voltage
I = Leakage current in µA
Ambient Temperature +65 ºC
+75 ºC
+85 ºC
Ripple Multiplier
1.25
1.14
1.00
Apply WVdc for 2,000 h at 85 ºC
Capacitance change ≤20% from initial limits
DC leakage current meets initial limits
ESR ≤150% of initial measured value
•
•
•
Outline Drawing
(Millimeters)
Temperature Characteristics
Rated
Ripple Multipliers
WVdc
60 Hz
120 Hz
1 kHz
6 to 25
0.85
1.0
1.10
35 to 100
0.80
1.0
1.15
160 to 250
0.75
1.0
1.25
M
ALL
ORY
SKA
Vinyl sleeve adds .5 Max. to diameter
and 2.0 Max. to length.
Case vented on
diameters 6.3 and greater.
L
35 Min.
D
PVC Sleeve
d
35 Min.
+
-
-40
0
10
40
80
% C
Temperature
gC
Capacitance Change Ratio
20
0
-10
-20
220 F 35V
2200 F 25V
120
.05
Temperature
gC
Dissipation Factor Change
-40
0
40
80
% DF
1.0
.5
.1
.01
220 F 35V
2200 F 25V
120


Similar Part No. - SKA331M063

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKA3 SEMIKRON-SKA3 Datasheet
400Kb / 3P
Avalanche Diode
SKA3/13 SEMIKRON-SKA3/13 Datasheet
400Kb / 3P
Avalanche Diode
SKA3/17 SEMIKRON-SKA3/17 Datasheet
400Kb / 3P
Avalanche Diode
More results

Similar Description - SKA331M063

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TC1530 CDE-TC1530 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
TCG252U010L1C CDE-TCG252U010L1C Datasheet
167Kb / 3P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Kemet Corporation
PEG130HH4360QL1 KEMET-PEG130HH4360QL1 Datasheet
3Mb / 9P
Axial Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
AXLH CDE-AXLH Datasheet
90Kb / 5P
High Temperature Axial Leaded Aluminum Electrolytic Capacitors
logo
Kemet Corporation
PEG227 KEMET-PEG227 Datasheet
503Kb / 8P
Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG124 KEMET-PEG124 Datasheet
572Kb / 11P
Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG130 KEMET-PEG130 Datasheet
507Kb / 8P
Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG225 KEMET-PEG225 Datasheet
501Kb / 8P
Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG226 KEMET-PEG226_V01 Datasheet
472Kb / 8P
Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227_V01 Datasheet
1Mb / 8P
Axial Aluminum Electrolytic Capacitors
1/19/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com