Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD30NE06L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD30NE06L
Description  N - CHANNEL 60V - 0.025 ohm - 30A TO-252 STripFET POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD30NE06L Datasheet(HTML) 1 Page - STMicroelectronics

  STD30NE06L Datasheet HTML 1Page - STMicroelectronics STD30NE06L Datasheet HTML 2Page - STMicroelectronics STD30NE06L Datasheet HTML 3Page - STMicroelectronics STD30NE06L Datasheet HTML 4Page - STMicroelectronics STD30NE06L Datasheet HTML 5Page - STMicroelectronics STD30NE06L Datasheet HTML 6Page - STMicroelectronics STD30NE06L Datasheet HTML 7Page - STMicroelectronics STD30NE06L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STD30NE06L
N - CHANNEL 60V - 0.025
Ω - 30A TO-252
STripFET
™ POWER MOSFET
s
TYPICAL RDS(on) = 0.025
Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
LOW GATE CHARGE 100
oC
s
APPLICATION ORIENTED
CHARACTERIZATION
s
ADD SUFFIX ”T4” FOR ORDERING IN TAPE
& REEL
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics
unique
”Single
Feature
Size
™” strip-based process. The resulting transi-
stor shows extremely high packing density for low
on-resistance, rugged avalanche characteristics
and less critical alignment steps therefore a re-
markable manufacturing reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC & DC-AC CONVERTERS
®
INTERNAL SCHEMATIC DIAGRAM
May 1999
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
60
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)60
V
VGS
G ate-source Volt age
± 20
V
ID
Drain Current (continuous) at Tc =25
oC30
A
ID
Drain Current (continuous) at Tc = 100
oC21
A
IDM(
•)
Drain Current (pulsed)
120
A
Ptot
T otal Dissipation at Tc =25
oC55
W
Derating Factor
0.37
W /
oC
dv/ dt (1) Peak Diode Recovery voltage slope
7
V/ns
Tstg
Storage Temperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
(
•) Pulse width limited by safe operating area
( 1)ISD
≤30A, di/dt ≤ 300 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(o n)
ID
STD30NE06L
60 V
< 0.03
Ω
30 A
1
3
DPAK
TO-252
(Suffix ”T4”)
1/8


Similar Part No. - STD30NE06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD30NE06L STMICROELECTRONICS-STD30NE06L Datasheet
286Kb / 8P
N - CHANNEL 60V - 0.025 ohm - 30A TO-252
May-1999
STD30NE06LT4 STMICROELECTRONICS-STD30NE06LT4 Datasheet
286Kb / 8P
N - CHANNEL 60V - 0.025 ohm - 30A TO-252
May-1999
logo
VBsemi Electronics Co.,...
STD30NE06LT4 VBSEMI-STD30NE06LT4 Datasheet
989Kb / 6P
N-Channel 60-V (D-S) MOSFET
STD30NE06LT4-CMD30N06 VBSEMI-STD30NE06LT4-CMD30N06 Datasheet
989Kb / 6P
N-Channel 60-V (D-S) MOSFET
STD30NE06LT4CMD30N06 VBSEMI-STD30NE06LT4CMD30N06 Datasheet
989Kb / 6P
N-Channel 60-V (D-S) MOSFET
More results

Similar Description - STD30NE06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD10PF06 STMICROELECTRONICS-STD10PF06 Datasheet
85Kb / 8P
P - CHANNEL 60V - 0.18 ohm - 10A TO-252 STripFET POWER MOSFET
Apr-1999
STD12NE06L STMICROELECTRONICS-STD12NE06L Datasheet
92Kb / 9P
N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET
Jan-2000
STD19NE06L STMICROELECTRONICS-STD19NE06L Datasheet
90Kb / 9P
N - CHANNEL 60V - 0.038 ohm - 19A - TO-251/TO-252 STripFET POWER MOSFET
Feb-1999
STD30NE06 STMICROELECTRONICS-STD30NE06 Datasheet
47Kb / 5P
N - CHANNEL 60V - 0.025 ohm - 30A - DPAK STripFET POWER MOSFET
Jul-1998
STD40NE03L STMICROELECTRONICS-STD40NE03L Datasheet
86Kb / 8P
N - CHANNEL 30V - 0.012 ohm - 40A TO-252 STripFET POWER MOSFET
Sep-1999
STDID5B STMICROELECTRONICS-STDID5B Datasheet
113Kb / 6P
N - CHANNEL 55V - 0.1 ohm - 12A TO-252 STripFET POWER MOSFET
May-2000
STP30NE06 STMICROELECTRONICS-STP30NE06 Datasheet
48Kb / 6P
N - CHANNEL 60V - 0.042 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
Jan-1999
STP30NE06L STMICROELECTRONICS-STP30NE06L Datasheet
105Kb / 9P
N - CHANNEL 60V - 0.035 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
Mar-1999
logo
Intersil Corporation
RFF70N06 INTERSIL-RFF70N06 Datasheet
78Kb / 8P
25A, 60V, 0.025 Ohm, N-Channel Power MOSFET
March 1999
logo
STMicroelectronics
STD30NE06LT4 STMICROELECTRONICS-STD30NE06LT4 Datasheet
286Kb / 8P
N - CHANNEL 60V - 0.025 ohm - 30A TO-252
May-1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com