Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C52-20PI Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT89C52-20PI
Description  8-bit Microcontroller with 8K Bytes Flash
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C52-20PI Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT89C52-20PI Datasheet HTML 11Page - ATMEL Corporation AT89C52-20PI Datasheet HTML 12Page - ATMEL Corporation AT89C52-20PI Datasheet HTML 13Page - ATMEL Corporation AT89C52-20PI Datasheet HTML 14Page - ATMEL Corporation AT89C52-20PI Datasheet HTML 15Page - ATMEL Corporation AT89C52-20PI Datasheet HTML 16Page - ATMEL Corporation AT89C52-20PI Datasheet HTML 17Page - ATMEL Corporation AT89C52-20PI Datasheet HTML 18Page - ATMEL Corporation AT89C52-20PI Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AT89C52
15
Figure 9. Programming the Flash Memory
Figure 10. Verifying the Flash Memory
Note:
1. Only used in 12-volt programming mode.
P1
P2.6
P3.6
P2.0 - P2.4
A0 - A7
ADDR.
OOOOH/1FFFH
SEE FLASH
PROGRAMMING
MODES TABLE
3-24 MHz
A8 - A12
P0
+5V
P2.7
PGM
DATA
PROG
V/V
IH
PP
V
IH
ALE
P3.7
XTAL2
EA
RST
PSEN
XTAL1
GND
V
CC
AT87F52
P1
P2.6
P3.6
P2.0 - P2.4
A0 - A7
ADDR.
OOOOH/1FFFH
SEE FLASH
PROGRAMMING
MODES TABLE
3-24 MHz
A8 - A12
P0
+5V
P2.7
PGM DATA
(USE 10K
PULLUPS)
V
IH
V
IH
ALE
P3.7
XTAL 2
EA
RST
PSEN
XTAL1
GND
V
CC
AT87F52
Flash Programming and Verification Characteristics
T
A = 0°C to 70°C, VCC = 5.0 ± 10%
Symbol
Parameter
Min
Max
Units
VPP
(1)
Programming Enable Voltage
11.5
12.5
V
I
PP
(1)
Programming Enable Current
1.0
mA
1/t
CLCL
Oscillator Frequency
3
24
MHz
tAVGL
Address Setup to PROG Low
48tCLCL
t
GHAX
Address Hold after PROG
48t
CLCL
t
DVGL
Data Setup to PROG Low
48t
CLCL
tGHDX
Data Hold After PROG
48tCLCL
t
EHSH
P2.7 (ENABLE) High to V
PP
48t
CLCL
t
SHGL
V
PP Setup to PROG Low
10
µs
tGHSL
(1)
VPP Hold after PROG
10
µs
t
GLGH
PROG Width
1
110
µs
t
AVQV
Address to Data Valid
48t
CLCL
tELQV
ENABLE Low to Data Valid
48tCLCL
t
EHQZ
Data Float after ENABLE
048t
CLCL
t
GHBL
PROG High to BUSY Low
1.0
µs
t
WC
Byte Write Cycle Time
2.0
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com