Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD30PF03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD30PF03L
Description  P-CHANNEL 30V - 0.025Ω - 24A DPAK/IPAK STripFET™ II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD30PF03L Datasheet(HTML) 1 Page - STMicroelectronics

  STD30PF03L Datasheet HTML 1Page - STMicroelectronics STD30PF03L Datasheet HTML 2Page - STMicroelectronics STD30PF03L Datasheet HTML 3Page - STMicroelectronics STD30PF03L Datasheet HTML 4Page - STMicroelectronics STD30PF03L Datasheet HTML 5Page - STMicroelectronics STD30PF03L Datasheet HTML 6Page - STMicroelectronics STD30PF03L Datasheet HTML 7Page - STMicroelectronics STD30PF03L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
PRELIMINARY DATA
May 2002
STD30PF03L
STD30PF03L-1
P-CHANNEL 30V - 0.025
Ω - 24A DPAK/IPAK
STripFET™ II POWER MOSFET
Note:For the P-CHANNEL MOSFET actual polarity of voltages and
current has to be reversed
s
TYPICAL RDS(on) = 0.025Ω
s
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
s
LOW THRESHOLD DRIVE
s
LOW GATE CHARGE
s
EXTREMELY LOW FIGURE OF MERIT
(RDS(on) * Qg)
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics
unique
“Single
Feature
Size™” strip-based process. The resulting transis-
tor shows extremely high packing density for low
on-resistance and low gate charge.
APPLICATIONS
s
DC-DC CONVERTERS
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
(#) Current limited by wire bonding
TYPE
VDSS
RDS(on)
ID
STD30PF03L
STD30PF03L-1
30 V
30 V
< 0.028
Ω
< 0.028
Ω
24 A
24 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
± 16
V
ID (#)
Drain Current (continuous) at TC = 25°C
24
A
ID (#)
Drain Current (continuous) at TC = 100°C
24
A
IDM (l)
Drain Current (pulsed)
96
A
PTOT
Total Dissipation at TC = 25°C
70
W
Derating Factor
0.47
W/°C
Tstg
Storage Temperature
– 55 to 175
°C
Tj
Max. Operating Junction Temperature
175
°C
DPAK
1
3
3
2
1
IPAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STD30PF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD30PF03L-1 STMICROELECTRONICS-STD30PF03L-1 Datasheet
339Kb / 13P
P-channel 30 V - 0.025 Ω - 24 A - DPAK / IPAK STripFET??II Power MOSFET
14-Jan-2008
logo
VBsemi Electronics Co.,...
STD30PF03L-1 VBSEMI-STD30PF03L-1 Datasheet
1Mb / 8P
P-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STD30PF03LT4 STMICROELECTRONICS-STD30PF03LT4 Datasheet
339Kb / 13P
P-channel 30 V - 0.025 Ω - 24 A - DPAK / IPAK STripFET??II Power MOSFET
14-Jan-2008
logo
VBsemi Electronics Co.,...
STD30PF03LT4 VBSEMI-STD30PF03LT4 Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - STD30PF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD35NF3LL STMICROELECTRONICS-STD35NF3LL Datasheet
468Kb / 10P
N-CHANNEL 30V - 0.014 ohm - 35A IPAK/DPAK STripFET™ II POWER MOSFET
Feb-2002
STD16NF06L STMICROELECTRONICS-STD16NF06L Datasheet
442Kb / 11P
N-channel 60V - 0.060 - 24A - DPAK/IPAK STripFET II Power MOSFET
10-Jan-2006
STD20NF06L STMICROELECTRONICS-STD20NF06L Datasheet
416Kb / 14P
N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET
03-Jul-2006
STU100N3LF3 STMICROELECTRONICS-STU100N3LF3 Datasheet
434Kb / 15P
N-channel 30V - 0.0045OHM - 80A - DPAK - IPAK Planar STripFET TM II Power MOSFET
07-Feb-2006
STD17NF03L STMICROELECTRONICS-STD17NF03L_07 Datasheet
312Kb / 14P
N-channel 30V - 0.038ohm - 17A - DPAK/IPAK STripFET TM II Power MOSFET
19-Feb-2007
STD30NF03L STMICROELECTRONICS-STD30NF03L_07 Datasheet
330Kb / 14P
N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
20-Feb-2007
STD16NF06L STMICROELECTRONICS-STD16NF06L_07 Datasheet
362Kb / 14P
N-channel 60V - 0.060Ω - 24A - DPAK/IPAK STripFET??II Power MOSFET
19-Feb-2007
STD10PF06T4 STMICROELECTRONICS-STD10PF06T4 Datasheet
299Kb / 9P
P-CHANNEL 60V - 0.18 W - 10A IPAK/DPAK STripFET??II POWER MOSFET
Mar-2002
STD10PF06-1 STMICROELECTRONICS-STD10PF06-1 Datasheet
299Kb / 9P
P-CHANNEL 60V - 0.18 Ohm - 10A IPAK/DPAK STripFET II POWER MOSFET
Mar-2002
STD20NF06LT4 STMICROELECTRONICS-STD20NF06LT4 Datasheet
420Kb / 14P
N-channel 60V - 0.032廓 - 24A - DPAK - IPAK STripFET??II Power MOSFET
03-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com