Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLS331M200EK0C Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # MLS331M200EK0C
Description  125 ?C Stainless Flatpack,Ultra-Long Life, Aluminum
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLS331M200EK0C Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  MLS331M200EK0C Datasheet HTML 1Page - Cornell Dubilier Electronics MLS331M200EK0C Datasheet HTML 2Page - Cornell Dubilier Electronics MLS331M200EK0C Datasheet HTML 3Page - Cornell Dubilier Electronics MLS331M200EK0C Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type MLS 125 ºC Stainless Flatpack,Ultra-Long Life, Aluminum
Type MLS 125 ºC Stainless Flatpack,Ultra-Long Life, Aluminum
Type MLS 125 °C
The Type MLS extends the super performance of the MLP
from a maximum operating temperature of 85 ºC to 125 ºC.
While the MLP is inherently capable of operation at 125 ºC,
its flat aluminum case can’t withstand the higher temperature
without inflating from internal pressure. The MLS incorporates
a rugged, stainless steel case which assures flatness to beyond
125 ºC. The MLS is perfect for hi-rel military systems and
applications operating above 85 ºC.
Highlights
Near-hermetic welded seal
Stainless-steel case
100 years expected operating life
New 2 inch case size
•
•
•
•
Specifications
Operating Temperature:
–55 °C to +125 °C
Rated Voltage:
5.0 to 250 Vdc
Capacitance:
220 to 47,000 µF ±20%
Load Life:
2,000 h @ +125 °C
Leakage Current:
0.002 CV µA @ 25 °C and 5 min
Cold Impedance:
–55 ºC multiple of 25 ºC Z is ≤ 10 for up to 20 V, 2 for
25 V to 250 V
Ripple Current Multipliers:
Case Temperature
Ambient Temperature, No Heatsink
45 °C 55 °C 65 °C 75 °C 85 °C 95 °C 105 °C 115 °C 125 °C
0.63 0.58 0.54 0.49 0.44 0.38
0.31
0.22
0.00
45 °C 55 °C 65 °C 75 °C 85 °C 95 °C 105 °C 115 °C 125 °C
1.41 1.32 1.22 1.12 1.00 0.87
0.71
0.50
0.00
Frequency
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz 10 kHz & up
5 to 40 V 0.95 0.96
1.00
1.03
1.04 1.04
1.04
60 to 250 V 0.80 0.84
1.00
1.18
1.25 1.30
1.30
EIA Ripple Life:
10,000 h full load at 85 C per EIA IS-749
Δ capacitance ±10%
ESR 200% of limit
DCL 100% of limit
Shelf Life:
500 h at 125 °C, capacitance, ESR & DCL, initial requirements
Thermal Resistance:
Vibration:
10 Hz to 2 kHz 0.06” pp max and 10 g, MIL-STD-202,
Meth. 204
ESL:
<
30 nH measured 1/4” from case at 1 MHz
Weight:
Case EK 43 g typical
Case EA 76 g typical
Case EB 92 g typical
Terminals:
18 AWG copper wire with 60/40 tin-lead electroplate
Large Sides
Heatsinked
Case Length
1.5"
2.0"
3.0"
Insulation
ºC/W
ºC/W
ºC/W
one
None
3.3
2.6
1.3
Polyester
4.5
3.6
1.8
both
None
2.8
2.2
1.1
Polyester
4
3.2
1.6
RoHS-5 Compliant
Has more than 1000 ppm lead in
some homogenous material but
otherwise complies with the EU
Directive 2002/95/EC requirement
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB)
and
PolyBrominated
Diphenyl
Ethers (PBDE).


Similar Part No. - MLS331M200EK0C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLS331M200EK0C CDE-MLS331M200EK0C Datasheet
301Kb / 6P
Now Available with High Vibration and High Reliability Options
MLS331M200EK0C CDE-MLS331M200EK0C Datasheet
1,017Kb / 6P
Now Available with High Vibration and High Reliability Options
More results

Similar Description - MLS331M200EK0C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
105 ?C Ultra-Long Life Snap-In, Aluminum
logo
Cornell Dubilier Electr...
381EL CDE-381EL Datasheet
372Kb / 5P
Ultra-Long Life Snap-In, Aluminum
520C CDE-520C Datasheet
357Kb / 7P
Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
550C CDE-550C Datasheet
390Kb / 7P
Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
MLP193M7R5EK0A CDE-MLP193M7R5EK0A Datasheet
454Kb / 5P
85 ?C Flatpack, Ultra-Long Life, Aluminum
logo
United Chemi-Con, Inc.
EGXE101E CHEMI-CON-EGXE101E Datasheet
374Kb / 2P
Long Life, Downsized, 125?
EGXE160E CHEMI-CON-EGXE160E Datasheet
374Kb / 2P
Long Life, Downsized, 125?
GXL CHEMI-CON-GXL Datasheet
358Kb / 2P
Long life, 125?
logo
Cornell Dubilier Electr...
MLP CDE-MLP_18 Datasheet
495Kb / 6P
Ultra Long Life, Aluminum Electrolytic
logo
RFE international
RUK RFE-RUK Datasheet
989Kb / 5P
Aluminum Electrolytic Capacitors RUK Series: Radial, Long Life, 125°C
07-OCT-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com