Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLP331M300EA0A Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # MLP331M300EA0A
Description  85 ?C Flatpack, Ultra-Long Life, Aluminum
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLP331M300EA0A Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  MLP331M300EA0A Datasheet HTML 1Page - Cornell Dubilier Electronics MLP331M300EA0A Datasheet HTML 2Page - Cornell Dubilier Electronics MLP331M300EA0A Datasheet HTML 3Page - Cornell Dubilier Electronics MLP331M300EA0A Datasheet HTML 4Page - Cornell Dubilier Electronics MLP331M300EA0A Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type MLP 85 ºC Flatpack, Ultra-Long Life, Aluminum
Type MLP 85 °C
1/2-Inch Height, 50-Year Life
The MLP’s high-energy storage and box-shape make it perfect for
voltage holdup or filtering in military SEM-E modules, telecom
circuit packs and computer cards. The MLP delivers up to 20 joules
of energy storage in a 1/2” height with 50 year’s life at +45 ºC.
You can readily heatsink it to double the ripple-current capability.
The MLP is the square-peg component that fits the square-holes in
electronic assemblies.
Highlights
Low-profile replacement for snap-ins
Double the ripple capability with a heatsink
Nearly hermetic welded seal assures 50-year life
Withstands more than 80,000 feet altitude
New 2 inch case size
•
•
•
•
•
Operating Temperature:
–55 °C to +85 °C up to 250 Vdc, –40 °C to 85 °C 300 Vdc & up
Rated Voltage:
7.5 to 450 Vdc
Capacitance:
110 µF to 47,000 µF ±20%
Leakage Current:
≤ 0.002 CV µA @ 25 °C and 5 min
Cold Impedance:
–55 ºC multiple of 25 ºC Z is ≤ 10 for up to 20 V, 2 for 25 V to
250 V
–20 ºC multiple of 25 ºC Z is ≤4 for 300 V and up
Specifications
45 °C
55 °C
65 °C
75 °C
85 °C
3.79
3.32
2.77
2.08
1.00
Ripple Current Multipliers:
Case Temperature
Ambient Temperature, No Heatsink
45 °C
55 °C
65 °C
75 °C
85 °C
1.00
0.90
0.75
0.56
0.27
Frequency
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz
10 kHz
& up
7.5 to 63 V
0.94 0.95
1.00
1.04
1.05 1.06
1.06
80 to 450 V
0.80 0.85
1.00
1.17
1.24 1.28
1.29
RoHS-5 Compliant
Has more than 1000 ppm lead in
some homogenous material but
otherwise complies with the EU
Directive 2002/95/EC requirement
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB)
and
PolyBrominated
Diphenyl
Ethers (PBDE).


Similar Part No. - MLP331M300EA0A

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLP331M300EA0A CDE-MLP331M300EA0A Datasheet
446Kb / 6P
Double the ripple capability with a heatsink
MLP331M300EA0A CDE-MLP331M300EA0A Datasheet
495Kb / 6P
Ultra Long Life, Aluminum Electrolytic
More results

Similar Description - MLP331M300EA0A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
330153U6R3GT2 ETC2-330153U6R3GT2 Datasheet
365Kb / 5P
-55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
105 ?C Ultra-Long Life Snap-In, Aluminum
400C262M100AK8 ETC2-400C262M100AK8 Datasheet
343Kb / 6P
95 ?C, Long-Life, C Radial Leaded, Aluminum Electrolytic
logo
Cornell Dubilier Electr...
381EL CDE-381EL Datasheet
372Kb / 5P
Ultra-Long Life Snap-In, Aluminum
400C CDE-400C Datasheet
343Kb / 6P
Long-Life, C Radial Leaded, Aluminum Electrolytic
520C CDE-520C Datasheet
357Kb / 7P
Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
550C CDE-550C Datasheet
390Kb / 7P
Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
MLS193M5R0EK0C CDE-MLS193M5R0EK0C Datasheet
467Kb / 4P
125 ?C Stainless Flatpack,Ultra-Long Life, Aluminum
MLP CDE-MLP_18 Datasheet
495Kb / 6P
Ultra Long Life, Aluminum Electrolytic
MLPS CDE-MLPS Datasheet
522Kb / 10P
Type MLPS/MLPSR 105 °C FlatpackTM, Ultra Long Life, Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com