Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381LQ331M350J042 Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # 381LQ331M350J042
Description  Compact, High-Ripple Snap-in Smaller for Same Capacitance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LQ331M350J042 Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

  381LQ331M350J042 Datasheet HTML 1Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 2Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 3Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 4Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 5Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 6Page - Cornell Dubilier Electronics 381LQ331M350J042 Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 381LQ 105 °C Compact, High-Ripple Snap-in
ESR Max
@ 25 ºC
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D x L
(mm)
ESR Max
@ 25 ºC
120 Hz 20 kHz
(Ω)
(Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D x L
(mm)
Cap.
(µF)
Catalog
Part Number
Cap.
(µF)
Catalog
Part Number
470
381LQ471M350A022
0.353
0.159
1.40
1.96
35 x 30
560
381LQ561M400A042
0.326
0.147
1.90
2.66
35 x 40
560
381LQ561M350K452
0.296
0.133
1.50
2.10
30 x 45
680
381LQ681M400A452
0.268
0.121
2.12
2.97
35 x 45
560
381LQ561M350A032
0.296
0.133
1.50
2.10
35 x 35
450 Vdc (500 Vdc Surge)
680
381LQ681M350K052
0.244
0.110
1.70
2.38
30 x 50
100
381LQ101M450H022
1.824
0.821
0.64
0.90
22 x 30
680
381LQ681M350A042
0.244
0.110
1.70
2.38
35 x 40
100
381LQ101M450J012
1.824
0.821
0.64
0.90
25 x 25
820
381LQ821M350A452
0.202
0.091
1.90
2.66
35 x 45
120
381LQ121M450H032
1.520
0.684
0.72
1.01
22 x 35
400 Vdc (450 Vdc Surge)
120
381LQ121M450J022
1.520
0.684
0.72
1.01
25 x 30
100
381LQ101M400H012
1.824
0.821
0.70
0.98
22 x 25
150
381LQ151M450H042
1.216
0.547
0.79
1.11
22 x 40
120
381LQ121M400H022
1.520
0.684
0.75
1.05
22 x 30
150
381LQ151M450J022
1.216
0.547
0.79
1.11
25 x 30
150
381LQ151M400H022
1.216
0.547
0.88
1.23
22 x 30
150
381LQ151M450K012
1.216
0.547
0.79
1.11
30 x 25
180
381LQ181M400H032
1.013
0.458
0.95
1.33
22 x 35
180
381LQ181M450H452
1.013
0.456
0.87
1.22
22 x 45
180
381LQ181M400J022
1.013
0.458
0.95
1.33
25 x 30
180
381LQ181M450J042
1.013
0.456
0.87
1.22
25 x 40
220
381LQ221M400H452
0.829
0.373
1.10
1.54
22 x 45
180
381LQ181M450K022
1.013
0.456
0.87
1.22
30 x 30
220
381LQ221M400J032
0.829
0.373
1.10
1.54
25 x 35
220
381LQ221M450J452
0.829
0.373
1.00
1.40
25 x 45
220
381LQ221M400K012
0.829
0.373
1.10
1.54
30 x 25
220
381LQ221M450K022
0.829
0.373
1.00
1.40
30 x 30
270
381LQ271M400H052
0.675
0.304
1.22
1.71
22 x 50
220
381LQ221M450A012
0.829
0.373
1.00
1.40
35 x 25
270
381LQ271M400J042
0.675
0.304
1.22
1.71
25 x 40
270
381LQ271M450J052
0.675
0.304
1.19
1.67
25 x 50
270
381LQ271M400K022
0.675
0.304
1.22
1.71
30 x 30
270
381LQ271M450K042
0.675
0.304
1.19
1.67
30 x 40
270
381LQ271M400A012
0.675
0.304
1.22
1.71
35 x 25
270
381LQ271M450A022
0.675
0.304
1.19
1.67
35 x 30
330
381LQ331M400J452
0.553
0.249
1.44
2.02
25 x 45
330
381LQ331M450K452
0.553
0.249
1.38
1.93
30 x 45
330
381LQ331M400K032
0.553
0.249
1.44
2.02
30 x 35
330
381LQ331M450A032
0.553
0.249
1.38
1.93
35 x 35
330
381LQ331M400A022
0.553
0.249
1.44
2.02
35 x 30
390
381LQ391M450A042
0.468
0.210
1.55
2.17
35 x 40
390
381LQ391M400J052
0.468
0.210
1.55
2.17
25 x 50
470
381LQ471M450A452
0.388
0.175
1.74
2.44
35 x 45
390
381LQ391M400K042
0.468
0.210
1.55
2.17
30 x 40
560
381LQ561M450A052
0.326
0.147
1.90
2.66
35 x 50
390
381LQ391M400A022
0.468
0.210
1.55
2.17
35 x 30
390
381LQ391M450K052
0.680
0.210
1.55
2.17
30 x 50
470
381LQ471M400K452
0.388
0.175
1.68
2.35
30 x 45
390
381LQ391M450A042
0.468
0.210
1.55
2.17
35 x 40
470
381LQ471M400A032
0.388
0.175
1.68
2.35
35 x 35
470
381LQ471M450A452
0.388
0.175
1.74
2.44
35 x 45
560
381LQ561M400K052
0.326
0.147
1.90
2.66
30 x 50
560
381LQ561M450A052
0.326
0.147
1.90
2.66
35 x 50



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com