Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F11 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # F11
Description  Encapsulated Thermostats for Electronics
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F11 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  F11 Datasheet HTML 1Page - List of Unclassifed Manufacturers F11 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8415 Mountain Sights Avenue • Montreal (Quebec), H4P 2B8, Canada
Tel: (514) 739-3274 • 1-800-561-7207 • Fax: (514) 739-2902
E-mail: sales@cantherm.com • Website: www.cantherm.com
Encapsulated Thermostats for Electronics
F11-E06
2006/May
CT-M-ENG-03B-1
ADVANTAGES
The
miniature
size,
high
switching
capability
and
versatility of its contacts make
the JEDEC TO-220 compatible
device ideal for printed circuit
board mounting. The F11-E06
is epoxy sealed to withstand
wave soldering and board
washing operations.
APPLICATIONS
The F11-E06 is ideal to
sense the temperature of
a surface or of stagnant air
in an enclosure and can
be supplied for mounting
on a printed circuit board
or with flexible wire leads
for remote installation. Its
high temperature resistance
and high dielectric strength
make it the favored device
for protecting heatsinks. Heat
sensitive semiconductors and
other
valuable
equipment
can be saved from thermal
damage by shutting down the
power or simply turning on a
fan.
DESCRIPTION
The
CANTHERM
F11-E06
has
been designed to protect today’s
technology and meet the requirements
of tomorrow’s innovations. The F11
snap action bimetallic element will
respond rapidly and accurately to
changes in the temperature of the
surface to which it is mounted or the
air temperature in an enclosure. The
single pole, single throw contacts
can be configured as either normally
open or normally closed, operating
on rise in temperature. The average
automatic reset will occur at a
temperature approximately 20 - 25C
below the calibrated set point.
The housing has been designed for
demanding conditions such as high
continuous temperatures and high
voltage electrical isolation. The “New”
PC version is now available with TO-220
style stamped lead-frame leads and are
shipped in a 50 piece plastic magazine
for ease of insertion and handling.
OPERATING
TEMPERATURES
The F11-E06 is available from
65ºC to 160ºC with either
normally closed or normally
open contacts. Increments
are
5ºC
and
standard
tolerance is ±5ºC.
CONNECTIONS
The F11-E06 is available
for PC board mount or a
variety of flexible wire leads.
Standard leads are 6”, 24
AWG UL3266 Black up to
125ºC and UL1180 Teflon up
to the maximum temperature.
ADD “-PC” to the part number
for solid pins or specify flexible
lead type. Other wire types,
gauges and lead lengths
available upon request.
Division of Microtherm
International Corporation


Similar Part No. - F11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F11 ETC2-F11 Datasheet
62Kb / 4P
Thermal Cutout Temperature Protection for Coils/Windings
logo
Fox Electronics
F110 FOX-F110 Datasheet
491Kb / 2P
HCMOS 2.0x1.6mm 1.8V SMD Oscillator
logo
Systemsensor advanced i...
F110 SYSTEMSENSOR-F110 Datasheet
198Kb / 2P
200 Series Intelligent Low-Profile Plug-In Detectors
logo
Integrated Device Techn...
F1100 IDT-F1100 Datasheet
956Kb / 17P
RF to IF Dual Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
More results

Similar Description - F11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
67F090 ETC1-67F090 Datasheet
882Kb / 3P
6700 SERIES THERMOSTATS
logo
Honeywell Solid State E...
3106U-0003-0173 HONEYWELL-3106U-0003-0173 Datasheet
493Kb / 10P
Thermostats Line Guide
logo
Honeywell Accelerometer...
2455RC-90820465 HONEYWELL-ACC-2455RC-90820465 Datasheet
513Kb / 11P
Thermostats Line Guide
logo
Hammond Manufacturing L...
SKT HAMMOND-SKT Datasheet
106Kb / 2P
Thermostats
SKTD HAMMOND-SKTD Datasheet
77Kb / 2P
Thermostats doubles
logo
Wall Industries,Inc.
CMLV WALL-CMLV Datasheet
333Kb / 3P
Encapsulated for Added Ruggedness
logo
Silicon Laboratories
SI7050 SILABS-SI7050 Datasheet
594Kb / 26P
Thermostats
SI7007-A10 SILABS-SI7007-A10 Datasheet
772Kb / 25P
Thermostats/humidistats
logo
List of Unclassifed Man...
6600 ETC2-6600 Datasheet
598Kb / 4P
SERIES 6600 THERMOSTATS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com