Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD4N25 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD4N25
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD4N25 Datasheet(HTML) 1 Page - STMicroelectronics

  STD4N25 Datasheet HTML 1Page - STMicroelectronics STD4N25 Datasheet HTML 2Page - STMicroelectronics STD4N25 Datasheet HTML 3Page - STMicroelectronics STD4N25 Datasheet HTML 4Page - STMicroelectronics STD4N25 Datasheet HTML 5Page - STMicroelectronics STD4N25 Datasheet HTML 6Page - STMicroelectronics STD4N25 Datasheet HTML 7Page - STMicroelectronics STD4N25 Datasheet HTML 8Page - STMicroelectronics STD4N25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
STD4N25
N - CHANNEL ENHANCEMENT MODE
POWER MOS TRANSISTORS
s
TYPICAL RDS(on) = 0.7
Ω
s
AVALANCHE RUGGED TECHNOLOGY
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
APPLICATION ORIENTED
CHARACTERIZATION
s
THROUGH-HOLE IPAK (TO-251) POWER
PACKAGE IN TUBE (SUFFIX ”-1”)
s
SURFACE-MOUNTING DPAK (TO-252)
POWER PACKAGE IN TAPE & REEL
(SUFFIX ”T4”)
APPLICATIONS
s
HIGH SPEED SWITCHING
s
UNINTERRUPTIBLE POWER SUPPLY (UPS)
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
INDUSTRIAL ACTUATORS
s
DC-DC & DC-AC CONVERTERS FOR
TELECOM, INDUSTRIAL AND CONSUMER
ENVIRONMENT
s
PARTICULARLY SUITABLE FOR
ELECTRONIC FLUORESCENT LAMP
BALLASTS
INTERNAL SCHEMATIC DIAGRAM
TYPE
VDSS
R DS(on)
ID
STD4N25
250 V
< 1. 1
Ω
4A
December 1996
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
VDS
Drain-source Voltage (VGS = 0)
250
V
VDG R
Drain- gate Voltage (RGS =20 k
Ω)
250
V
VGS
Gate-source Voltage
± 20
V
ID
Drain Current (cont inuous) at T c =25
oC4
A
ID
Drain Current (cont inuous) at T c =100
oC2.5
A
IDM(
•)
Drain Current (pulsed)
16
A
Ptot
Total Dissipation at Tc =25
oC50
W
Derating Factor
0.4
W/
oC
Tstg
St orage Temperat ure
-65 to 150
oC
Tj
Max. Operat ing Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
1
3
2
IPAK
TO-251
(Suffix ”-1”)
1
3
DPAK
TO-252
(Suffix ”T4”)
1/10


Similar Part No. - STD4N25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4N20 STMICROELECTRONICS-STD4N20 Datasheet
271Kb / 9P
N-CHANNEL 200V - 1.2ohm - 4A DPAK/IPAK MESH OVERLAY™ MOSFET
Feb-2001
More results

Similar Description - STD4N25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUZ72A STMICROELECTRONICS-BUZ72A Datasheet
112Kb / 7P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1993
IRF620 STMICROELECTRONICS-IRF620 Datasheet
184Kb / 9P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Nov-1996
STW5NA100 STMICROELECTRONICS-STW5NA100 Datasheet
99Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Oct-1997
MTH40N06 STMICROELECTRONICS-MTH40N06 Datasheet
484Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
Comset Semiconductor
BUZ71 COMSET-BUZ71 Datasheet
106Kb / 3P
N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
IRF830 COMSET-IRF830 Datasheet
109Kb / 3P
N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
STMicroelectronics
IRF720 STMICROELECTRONICS-IRF720 Datasheet
343Kb / 6P
N-channel enhancement mode power mos transistors
Jun-1988
SGSP361 STMICROELECTRONICS-SGSP361 Datasheet
184Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
SGSP363 STMICROELECTRONICS-SGSP363 Datasheet
178Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
SGSP591 STMICROELECTRONICS-SGSP591 Datasheet
173Kb / 5P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com