Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS-331 Datasheet(PDF) 1 Page - TALEMA Group. LLC

Part # AS-331
Description  Current Sense Inductors & Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [TALEMA Group. LLC]
Direct Link  http://www.talema.com
Logo TALEMA - TALEMA Group. LLC

AS-331 Datasheet(HTML) 1 Page - TALEMA Group. LLC

  AS-331 Datasheet HTML 1Page - TALEMA Group. LLC AS-331 Datasheet HTML 2Page - TALEMA Group. LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Applications
Isolated current feed-back signal in Switch Mode Power Supplies • Motor current load/overload • Lighting • Switch Controls Ultra-sound current
• High resolution sonar current • Isolated bi-directional current sensor with full wave bridge rectifier
AS Series Current Sensors are designed as a low cost method of
controlling, monitoring or measuring AC currents. The sensors serve as
feedbackelementsbetweentheoutputandpulsecontrolcircuitryproviding
accurate regulation of switch mode power supplies.
AS Series • Current Sense Inductors & Transformers
Primary Sense Current
Notes:
1)
L
sec
: Secondary inductance tested at 10kHz and 10mV for 1:50 through 1:500
Prim./Sec. ratios and 1kHz/10mV for Prim./Sec. ratio of 1:750
2)
This nominal termination resistance value will yield approximately 1.0V
of output for each amp of current in a single turn sense line. The output
Voltage/Ampere of these devices can be increased or decreased linearly
over a restricted temperature range by adjusting the terminating resistance.
3)
For Prim./Sec. Ratios of 1:50 through 1:500, the I
sec
value corresponds to a
maximum primary current of 15 Amp-turns rms while the Isec value for the ratio of
1:750 corresponds to a max. primary current of 30 Amp-turns rms.
4)
VµS = R t x Is x
Rt (Ohms): Recommended Terminating Resistance
Is (A): Secondary Current
F (Hz): Frequency
5)
Operating Temperature Range: -40°C to +120°C
6)
Pin 2 is on Center-Tapped (CT) versions only
Electrical Specifications at 25°C
9.53
1
2
3
+
_
+
_
4 .0
20.4
12.7
0.45 x 0.66
17.0
(0.250)
1
2
3
TALEMA
ASXXX
5.0
6.35
17.2
r
e
b
m
u
N
t
r
a
P
.
c
e
S
/
.
m
i
r
P
o
i
t
a
R
L
c
e
s
)
1
(
)
n
i
M
H
m
(
R
C
D
c
e
s
)
.
x
a
M
s
m
h
O
(
.
m
r
e
T
.
c
e
S
2
( )
e
c
n
a
t
s
i
s
e
R
)
.
m
o
N
s
m
h
O
(
I
c
e
s
)
3
(
.
x
a
M
S
µ
t
l
o
V
)
4
(
.
x
a
M
c
i
t
a
m
e
h
c
S
0
0
1
-
S
A0
5
:
16
6
.
00
5A
m
0
0
35
7
1
1
0
1
-
S
A0
0
1
:
15
21
.
10
0
1A
m
0
5
10
5
3
2
0
1
-
S
A0
0
2
:
10
0
15
.
40
0
2A
m
5
70
0
7
3
0
1
-
S
A0
0
3
:
10
5
20
.
0
10
0
3A
m
0
50
0
9
4
0
1
-
S
A0
0
5
:
10
0
70
.
5
20
0
5A
m
0
30
0
5
1
5
0
1
-
S
A0
5
7
:
12
8
6
10
.
3
40
5
7A
m
0
40
5
7
3
0
1
1
-
S
AT
C
0
5
:
16
3
.
0
/
3
.
05
2
+
5
2A
m
0
0
35
7
1
1
1
1
-
S
AT
C
0
0
1
:
15
25
5
.
0
/
5
5
.
00
5
+
0
5A
m
0
5
10
5
3
2
1
1
-
S
AT
C
0
0
2
:
10
0
15
2
.
2
/
5
2
.
20
0
1
+
0
0
1A
m
5
70
0
7
3
1
1
-
S
AT
C
0
0
3
:
10
5
20
.
5
/
0
.
50
5
1
+
0
5
1A
m
0
50
0
9
4
1
1
-
S
AT
C
0
0
5
:
10
0
75
.
2
1
/
5
.
2
10
5
2
+
0
5
2A
m
0
30
0
5
1
5
1
1
-
S
AT
C
0
5
7
:
12
8
6
15
.
1
2
/
5
.
1
25
7
3
+
5
7
3A
m
0
40
5
7
3
THE TALEMA GROUP
•
World Wide Toroidal Specialists
1
2F
1
3
1
2
3
Features
• Fully encapsulated for optimal PC board mounting
• Frequency range from 20kHz to 200kHz
• Primary current rating to 30 Amps
• Primary to secondary isolated to 2500 VAC
• Meets VDE norms
• Optimum performance over designated current and
frequencyrange
• Competitive pricing due to high volume production
• ManufacturedinanISO-9001:2000,TS-16949:2002
and ISO-14001:2004 certified facility
• Fully RoHS compliant
(06-06) AS Series


Similar Part No. - AS-331

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
AS-33.000-14-FUND RALTRON-AS-33.000-14-FUND Datasheet
97Kb / 1P
LOW PROFILE MICROPROCESSOR CRYSTAL
AS-33.000-20 RALTRON-AS-33.000-20 Datasheet
97Kb / 1P
LOW PROFILE MICROPROCESSOR CRYSTAL
AS-33.000-20-SMD RALTRON-AS-33.000-20-SMD Datasheet
123Kb / 1P
LOW PROFILE MICROPROCESSOR CRYSTAL
logo
Molex Electronics Ltd.
AS-33000-001 MOLEX-AS-33000-001 Datasheet
645Kb / 14P
MX150 DUAL ROW SEALED ASSEMBLY MAT SEAL
3/28/2016
AS-33012-002 MOLEX-AS-33012-002 Datasheet
999Kb / 22P
MX150 MAT SEAL / UNSEALED RECEPTACLE CRIMP TERMINAL
2015 / 07 / 13
More results

Similar Description - AS-331

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-63586 PULSE-PE-63586 Datasheet
67Kb / 1P
THE CURRENT SENSE TRANSFORMERS & INDUCTORS
PE-64487NL PULSE-PE-64487NL Datasheet
72Kb / 1P
THT CURRENT SENSE TRANSFORMERS & INDUCTORS
PE-51687NL PULSE-PE-51687NL Datasheet
72Kb / 1P
THT CURRENT SENSE TRANSFORMERS & INDUCTORS
PE-51719NL PULSE-PE-51719NL Datasheet
72Kb / 1P
THT CURRENT SENSE TRANSFORMERS INDUCTORS
PE-63587NL PULSE-PE-63587NL Datasheet
72Kb / 1P
THT CURRENT SENSE TRANSFORMERS INDUCTORS
PE-51686NL PULSE-PE-51686NL Datasheet
86Kb / 1P
THT CURRENT SENSE TRANSFORMERS INDUCTORS
PE-51688NL PULSE-PE-51688NL Datasheet
78Kb / 2P
THT CURRENT SENSE TRANSFORMERS INDUCTORS
logo
Central Technologies
CTCSF CT-CTCSF Datasheet
400Kb / 1P
Current Sense Transformers and Inductors
logo
TRIAD MAGNETICS
CST306-3A TRIAD-CST306-3A Datasheet
85Kb / 1P
Current Sense Transformers
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L_15 Datasheet
255Kb / 1P
Current Sense Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com