Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHF1208S Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SHF1208S
Description  2AMP 400-900V Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SHF1208S Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SHF1208S Datasheet HTML 1Page - Solid States Devices, Inc SHF1208S Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
SHF12
__
__
__
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
└
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
└
Family/Voltage
04 = 400 V
06 = 600 V
08 = 800 V
09 = 900 V
SHF1204 & SHF1204SMS
thru
SHF1209 & SHF1209SMS
2 AMP
400 - 900 V
Hyper Fast Rectifier
Features:
• Hyper Fast Recovery: 40 nsec maximum
• PIV to 900 Volts, Consult Factory
• Hermetically Sealed
• Void Free Construction
• For High Efficiency Applications
• Replaces UES1204, UES1206
• TX, TXV, S Level screening Available2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and DC Blocking Voltage
SHF1204
SHF1206
SHF1208
SHF1209
VRRM
VRSM
VR
400
600
800
900
Volts
Average Rectified Forward Current
(Resistive Load, 60 hz Sine Wave, TA = 25 °C)
Io
2.0
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
IFSM
20
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +175
ºC
Maximum Thermal Resistance
Junction to Leads, L = 3/8 "
Junction to Tabs
RθJL
RθJE
35
28
ºC/W
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
Axial Lead Diode
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0081G


Similar Part No. - SHF1208S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1100SM SSDI-SHF1100SM Datasheet
199Kb / 2P
1 AMP 50 - 300 VOLTS 35 nsec HYPER FAST RECTIFIER
SHF1100SM SSDI-SHF1100SM Datasheet
74Kb / 2P
HYPER FAST RECTIFIER
SHF1100SM SSDI-SHF1100SM_1 Datasheet
74Kb / 2P
HYPER FAST RECTIFIER
SHF1101SM SSDI-SHF1101SM Datasheet
199Kb / 2P
1 AMP 50 - 300 VOLTS 35 nsec HYPER FAST RECTIFIER
SHF1101SM SSDI-SHF1101SM Datasheet
74Kb / 2P
HYPER FAST RECTIFIER
More results

Similar Description - SHF1208S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1104 SSDI-SHF1104 Datasheet
155Kb / 2P
1 AMP 400 - 900 V Hyper Fast Rectifier
SHF1104 SSDI-SHF1104_1 Datasheet
207Kb / 2P
1AMP 400-900V HYER FAST RECTIFIER
SHF1100SM SSDI-SHF1100SM_1 Datasheet
74Kb / 2P
HYPER FAST RECTIFIER
SHF1402 SSDI-SHF1402_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SPD502 SSDI-SPD502_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SRL2040 SSDI-SRL2040 Datasheet
98Kb / 2P
HYPER FAST RECTIFIER
RC0093 SSDI-RC0093_15 Datasheet
171Kb / 2P
Hyper Fast Rectifier
RC0097B SSDI-RC0097B_15 Datasheet
175Kb / 2P
Hyper Fast Rectifier
RC0157A SSDI-RC0157A_15 Datasheet
117Kb / 2P
Hyper Fast Rectifier
RH0027C SSDI-RH0027C_15 Datasheet
135Kb / 2P
HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com