Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHF1104S Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SHF1104S
Description  1AMP 400-900V HYER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SHF1104S Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SHF1104S Datasheet HTML 1Page - Solid States Devices, Inc SHF1104S Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number/Ordering Information 1/
SHF11 __
__
__
└ Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
Family/Voltage
04 = 400 V
06 = 600 V
08 = 800 V
09 = 900 V
SHF1104 & SHF1104SMS
thru
SHF1109 & SHF1109SMS
1 AMP
400 - 900 V
Hyper Fast Rectifier
Features:
• Hyper Fast Recovery: 40 nsec maximum
• PIV to 900 Volts, Consult Factory
• Hermetically Sealed
• Void Free Construction
• For High Efficiency Applications
• Replaces UES 1104, UES1106, IN6624
• TX, TXV, S Level screening Available2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and DC Blocking Voltage
SHF1104
SHF1106
SHF1108
SHF1109
VRRM
VRSM
VR
400
600
800
900
Volts
Average Rectified Forward Current
(Resistive Load, 60 hz Sine Wave, TA = 25 °C)
Io
1.0
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
IFSM
20
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +175
ºC
Maximum Thermal Resistance
Junction to Leads, L = 3/8
Junction to Tabs
RθJE
35
28
ºC/W
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
Axial Lead Diode
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0111F
DOC


Similar Part No. - SHF1104S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1104SMS SSDI-SHF1104SMS Datasheet
155Kb / 2P
1 AMP 400 - 900 V Hyper Fast Rectifier
More results

Similar Description - SHF1104S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10BQ015 IRF-10BQ015 Datasheet
238Kb / 4P
SCHOTTKY RECTIFIER, 1Amp
10BQ040 IRF-10BQ040 Datasheet
223Kb / 4P
SCHOTTKY RECTIFIER, 1Amp
10BQ060 IRF-10BQ060 Datasheet
209Kb / 4P
SCHOTTKY RECTIFIER, 1Amp
10BQ100 IRF-10BQ100 Datasheet
250Kb / 4P
SCHOTTKY RECTIFIER, 1Amp
logo
Solid States Devices, I...
SDA276-F SSDI-SDA276-F Datasheet
203Kb / 2P
1AMP FAST RECOVERRY RECTIFIER BRIDGE ASSEMBLY
SDR429 SSDI-SDR429_1 Datasheet
226Kb / 2P
1AMP, 700V Hyper Fast Rectifier
SHF1204 SSDI-SHF1204 Datasheet
210Kb / 2P
2AMP 400-900V Hyper Fast Rectifier
logo
Shanghai Lunsure Electr...
MUR105 CHENYI-MUR105 Datasheet
50Kb / 3P
1Amp super fast recovery rectifier 50to1000 volts
UF4001 CHENYI-UF4001 Datasheet
338Kb / 2P
1Amp ultra fast recovery rectifier 50to1000 volts
US1A CHENYI-US1A Datasheet
872Kb / 3P
1Amp ultra fast rectifier 50to800 volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com