Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBT71210P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DBT71210P
Description  high voltage reed relays 15kV, 50W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DBT71210P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DBT71210P Datasheet HTML 1Page - List of Unclassifed Manufacturers DBT71210P Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Very high isolation voltages, up to 15kV, are
achieved through the use of high vacuum reed
switches with either Rhodium or Tungsten contacts
and make these relays suitable for high reliability
applications such as cardiac defibrillators, test
equipment and high voltage power supplies.
The Rhodium contacts have low contact resistance
while the Tungsten contacts can switch higher
voltages.
Printed Circuit Board (PCB) or Panel mount, via
nylon studs, versions are available.
Connection options include PCB, solder turret tag,
flying lead and Faston* style Spade Terminals.
Available as Form A (SPNO) or Form B (SPNC)
contact configurations.
15kV Isolation
Low Contact Resistance
High Power Switching
PCB or Panel Mount
Flying Lead, Solder and Faston* Style Spade
Terminal Options
Contact
Units
Conditions
10kV Form A
10kV Form B
15kV Form A
Contact Materials
Rhodium Tungsten
Rhodium
Tungsten
Tungsten
Isolation Across Contacts
kV
DC or AC peak
10
10
10
10
15
Max. Switching Power
W
50
50
50
50
50
Max. Switching Voltage
V
DC or AC peak
1000
7000
1000
7000
10000
Max. Switching Current
A
DC or AC peak
3
2
3
2
2
Max. Current Carry
A
DC or AC peak
4
3
4
3
2
Capacitance Across Contacts
pF
Coil/Screen Grounded
<0.2
<0.2
<0.2
<0.2
<0.2
Lifetime
Operations
Dry Switching
109
109
109
109
109
Lifetime
Operations
50W Switching
106
106
106
106
108
Contact Resistance
mOhms
Maximum (Typical)
50 (15)
250 (100)
50 (15)
250 (100)
250 (100)
Insulation Resistance
Ohms
Minimum (Typical) 1010 (1013) 1010 (1013) 1010 (1013) 1010 (1013)
1010 (1013)
Competitive part number cross-reference available at:
www.cynergy3.com
ISO
9001CERTIFIED
D series
high voltage reed relays
15kV, 50W
TM
TM
Coil at 20°C
5V
12V
24V
5V
12V
24V
5V
12V 24V
Must Operate
V
DC
3.7
9
20
3.7
9
20
3.7
9
20
Must Release
V
DC
0.5
1.25
4
0.5
1.25
4
0.5
1.25
4
Operate Time
ms
Diode Fitted
3.0
3.0
3.0
2.0
2.0
2.0
3.0
3.0
3.0
Release Time
ms
Diode Fitted
2.0
2.0
2.0
3.0
3.0
3.0
2.0
2.0
2.0
Resistance
Ohms
28
150
780
38
240
925
16
95
350
Construction
Isolation Contact to Coil
kV
DC or AC peak
17
17
17
Insulation Resistance Contact
to All Other Terminals
Ohms
Minimum (Typical)
1010 (1013)
1010 (1013)
1010 (1013)
Environmental
Operating Temperature Range
°C
-20 to +70
-20 to +70
-20 to +70
Weight
Version
Standard
Panel
Spade
Flying Lead
Form A
gm
23
28
29
38
Form B
gm
31
36
37
46


Similar Part No. - DBT71210P

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
DBT71210P CYNERGY3-DBT71210P Datasheet
258Kb / 2P
High Voltage relays 10kV & 15kV
DBT71210PU CYNERGY3-DBT71210PU Datasheet
277Kb / 2P
UL Approved Normally Closed, High Voltage Relays - 10kV
More results

Similar Description - DBT71210P

ManufacturerPart #DatasheetDescription
logo
Coto Technology
9104-05-10 COTO-9104-05-10 Datasheet
241Kb / 2P
Hi Voltage SIP Reed Relays
logo
Meder Electronic
H24-1A83 MEDER-H24-1A83 Datasheet
646Kb / 4P
High Voltage Reed Relays
HE12-1A83-02 MEDER-HE12-1A83-02 Datasheet
759Kb / 4P
High Voltage Reed Relays for PCB Mounting
logo
Cynergy3 Co
DAT72415F CYNERGY3-DAT72415F Datasheet
1Mb / 2P
high voltage reed relays
SAR91205 CYNERGY3-SAR91205 Datasheet
267Kb / 1P
high voltage reed relays
logo
Meder Electronic
HM12-1A83-02 MEDER-HM12-1A83-02_10 Datasheet
387Kb / 4P
High Voltage Reed Relays for PCB Mounting
logo
Coto Technology
5500 COTO-5500 Datasheet
741Kb / 2P
5500 SERIES/HIGH VOLTAGE REED RELAYS
9104 COTO-9104 Datasheet
590Kb / 2P
9104 SERIES/HIGH VOLTAGE SIP REED RELAYS
logo
Cynergy3 Co
D-HR CYNERGY3-D-HR Datasheet
73Kb / 2P
High Insulation Resistance, High Voltage Relays -10kV and 15kV
DAT71210F CYNERGY3-DAT71210F Datasheet
258Kb / 2P
High Voltage relays 10kV & 15kV
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com