Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR1DHFS Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR1DHFS
Description  1AMPS, 50thru 1200VOLTS 35nsec Hyper Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR1DHFS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR1DHFS Datasheet HTML 1Page - Solid States Devices, Inc SDR1DHFS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR
__ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
│
└ Voltage/Family
SDR1AHF = 50V
SDR1JHF =
600V
SDR1BHF = 100V
SDR1KHF =
800V
SDR1DHF = 200V
SDR1MHF = 1000V
SDR1GHF = 400V
SDR1NHF = 1200V
SDR1AHF & SDR1AHFSMS
thru
SDR1NHF & SDR1NHFSMS
1 AMPS, 50 thru 1200 VOLTS
35 nsec
Hyper Fast Recovery Rectifier
FEATURES:
•
Hyper Fast Recovery: 35 nsec maximum
•
PIV up to 1200 Volts
•
Hermetically Sealed
•
Void Free Single Chip Construction
•
For High Efficiency Applications
•
Low Reverse Leakage
TX, TXV, and Space Level Screening Available
2/
•
Avalanche Breakdown Guaranteed
•
Hyper Fast Recovery Replacement for 1N6620-6625
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SDR1AHF
SDR1BHF
SDR1DHF
SDR1GHF
SDR1JHF
SDR1KHF
SDR1MHF
SDR1NHF
VRRM
VRWM
VR
50
100
200
400
600
800
1000
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 25°C)
IO
1.0
Amps
Peak Surge Current @ T
A = 25
oC
SDR1A - 1JHF
(8.3 ms Pulse, Half Sine Wave or equivalent Square Wave)
SDR1K - 1NHF
IFSM
25
7
Amps
Operating and Storage Temperature
TOP & Tstg
-65 to +175
oC
Maximum Thermal Resistance
Junction to Lead, L = 0.375” (Axial Lead)
Junction to End Tab (Surface Mount)
RθJL
RθJE
35
28
oC/W
NOTES:
1/ For Ordering Information, Price, and
Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500.
Screening Flows Available on Request.
Axial Leaded (__)
Square Tab Surface Mount (SMS)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0119G
DOC


Similar Part No. - SDR1DHFS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR1DHFSMS SSDI-SDR1DHFSMS Datasheet
72Kb / 2P
1 AMP 50 - 1200 V 35 nsec Hyper Fast Rectifier
More results

Similar Description - SDR1DHFS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR620J SSDI-SDR620J Datasheet
229Kb / 2P
20A, 35nsec, 100-200 V Hyper Fast Rectifier
SDR953M SSDI-SDR953M Datasheet
83Kb / 2P
50A, 35nsec, 300-600 V Hyper Fast Rectifier
SDR950 SSDI-SDR950 Datasheet
203Kb / 2P
60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR623 SSDI-SDR623 Datasheet
53Kb / 2P
20A 35nsec 300-600 V Hyper Fast Rectifier
SDR623G SSDI-SDR623G Datasheet
47Kb / 2P
20A 35nsec 300-600 V Hyper Fast Rectifier
SDR3KHF SSDI-SDR3KHF_1 Datasheet
174Kb / 2P
3AMP 800 - 1200V 35nsec Hyper Fast Rectifier
SDR1AHF SSDI-SDR1AHF_2 Datasheet
108Kb / 2P
Hyper Fast Recovery Rectifier
SPD6626 SSDI-SPD6626_1 Datasheet
141Kb / 2P
HYPER FAST RECOVERY RECTIFIER
RC0126C SSDI-RC0126C Datasheet
128Kb / 2P
HYPER FAST RECOVERY RECTIFIER
RC0160C SSDI-RC0160C_15 Datasheet
187Kb / 2P
HYPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com