Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE75 Datasheet(PDF) 57 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADE75 Datasheet HTML 53Page - Analog Devices ADE75 Datasheet HTML 54Page - Analog Devices ADE75 Datasheet HTML 55Page - Analog Devices ADE75 Datasheet HTML 56Page - Analog Devices ADE75 Datasheet HTML 57Page - Analog Devices ADE75 Datasheet HTML 58Page - Analog Devices ADE75 Datasheet HTML 59Page - Analog Devices ADE75 Datasheet HTML 60Page - Analog Devices ADE75 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 57 of 148
ACCMODE register (0x0F). In positive-only accumulation
mode, the energy accumulation is done only for positive power,
ignoring any occurrence of negative power above or below the
no-load threshold, as shown in Figure 41. The CF pulse also
reflects this accumulation method when in this mode. The
default setting for this mode is off. Detection of the transitions
in the direction of power flow, and no-load threshold are active
in this mode.
POS
POS
INTERRUPT STATUS REGISTERS
NEG
APSIGN Flag
NO-LOAD
THRESHOLD
ACTIVE POWER
NO-LOAD
THRESHOLD
ACTIVE ENERGY
Figure 41. Energy Accumulation in Positive-Only Accumulation Mode
Watt absolute accumulation mode
The ADE75XX/ADE71XX is placed in absolute accumulation
mode by setting the ABSAM bit in the ACCMODE register
(0x0F). In absolute accumulation mode, the energy
accumulation is done using the absolute active power, ignoring
any occurrence of power below the no-load threshold, as shown
in Figure 42. The CF pulse also reflects this accumulation
method when in this mode. The default setting for this mode is
off. Detection of the transitions in the direction of power flow,
and no-load threshold are active in this mode.
POS
POS
INTERRUPT STATUS REGISTERS
NEG
APSIGN Flag
NO-LOAD
THRESHOLD
ACTIVE POWER
NO-LOAD
THRESHOLD
ACTIVE ENERGY
APNOLOAD
APNOLOAD
Figure 42. Energy Accumulation in Absolute Accumulation Mode
Active energy Pulse output
ADE75XX/ADE71XX also provides all the circuitry to have a
pulse output that frequency is proportional to Active power –
see Active Power Calculation section. This pulse frequency
output uses the calibrated signal after WGAIN and its behavior
is consistent with the setting of the active energy accumulation
mode in the ACCMODE register (0x0F). The pulse output is
active low and should be preferably connected to an LED as
shown on Figure 53.
Line cycle active energy accumulation mode
In line cycle energy accumulation mode, the energy accumula-
tion of the ADE75XX/ADE71XX can be synchronized to the
voltage channel zero crossing so that active energy can be
accumulated over an integral number of half line cycles. The
advantage of summing the active energy over an integer
number of line cycles is that the sinusoidal component in the
active energy is reduced to 0. This eliminates any ripple in the
energy calculation. Energy is calculated more accurately and in
a shorter time because the integration period can be shortened.
By using the line cycle energy accumulation mode, the energy
calibration can be greatly simplified, and the time required to
calibrate the meter can be significantly reduced. In line cycle
energy accumulation mode, the ADE75XX/ADE71XX
accumulates the active power signal in the LWATTHR register
for an integral number of line cycles, as shown in Figure 44. The
number of half line cycles is specified in the LINCYC register.
The ADE75XX/ADE71XX can accumulate active power for up
to 65,535 half line cycles. Because the active power is integrated
on an integral number of line cycles, at the end of a line cycle
energy accumulation cycle the CYCEND flag in the Interrupt
Status Register 3 SFR (MIRQSTH, 0xDE) is set. If the CYCEND
enable bit in the Interrupt Enable Register 3 SFR (MIRQENH,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com