Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7569 Datasheet(PDF) 50 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 46Page - Analog Devices ADE7569 Datasheet HTML 47Page - Analog Devices ADE7569 Datasheet HTML 48Page - Analog Devices ADE7569 Datasheet HTML 49Page - Analog Devices ADE7569 Datasheet HTML 50Page - Analog Devices ADE7569 Datasheet HTML 51Page - Analog Devices ADE7569 Datasheet HTML 52Page - Analog Devices ADE7569 Datasheet HTML 53Page - Analog Devices ADE7569 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 50 of 136
Vrms[23:0]
LPF3
LPF1
VOLTAGE CHANNEL
0x28F5C2
0x00
+
+
VRMOS[11:0]
VOLTAGE SIGNAL (V(t))
0x28F5
0x0
0xD70B
216
sgn
215
27 26
28
Figure 49. Voltage Channel RMS Signal Processing
Voltage Channel RMS Calculation
Figure 49 shows details of the signal processing chain for the
rms calculation on the voltage channel. The voltage channel
rms value is processed from the samples used in the voltage
channel waveform sampling mode and is stored in the unsigned
24-bit Vrms register.
The update rate of the voltage channel rms measurement is
MCLK/5. To minimize noise in the reading of the register, the
Vrms register can also be configured to update only with the zero
crossing of the voltage input. This configuration is done by
setting ZXRMS bit in the MODE2 Register (0x0C).
With the specified full-scale ac analog input signal of 0.5 V, the
output from the LPF1 in Figure 49 swings between 0x28F5 and
0xD70B at 60 Hz (see the Voltage Channel ADC section). The
equivalent rms value of this full-scale ac signal is approximately
0d1,898,124 (0x1CF68C) in the Vrms register. The voltage rms
measurement provided in the ADE7566/ADE7569 is accurate to
within ±0.5% for signal input between full scale and full scale/20.
The conversion from the register value to volts must be done
externally in the microprocessor using a V/LSB constant.
Voltage Channel RMS Offset Compensation
The ADE7566/ADE7569 incorporate a voltage channel rms
offset compensation register (VRMSOS). This is a 12-bit signed
register that can be used to remove offset in the voltage channel
rms calculation. An offset can exist in the rms calculation due
to input noises and dc offset in the input samples. The offset
calibration allows the contents of the Vrms register to be
maintained at 0 when no voltage is applied. One LSB of the
voltage channel rms offset is equivalent to 64 LSBs of the rms
register. Assuming that the maximum value from the voltage
channel rms calculation is 0d1,898,124 with full-scale ac inputs,
then 1 LSB of the voltage channel rms offset represents 3.37% of
measurement error at −60 dB down of full scale.
Vrms = Vrms0 + 64 × VRMSOS
(7)
where Vrms0 is the rms measurement without offset correction.
ACTIVE POWER CALCULATION
Active power is defined as the rate of energy flow from source
to load. It is the product of the voltage and current waveforms.
The resulting waveform is called the instantaneous power signal
and is equal to the rate of energy flow at every instant of time.
The unit of power is the watt or joules/sec. Equation 10 gives an
expression for the instantaneous power signal in an ac system.
()
)
sin(
2
t
V
t
v
ω
×
=
(8)
()
)
sin(
2
t
I
t
i
ω
×
=
(9)
where:
v is the rms voltage.
i is the rms current.
)
(
)
(
)
(
t
i
t
v
t
p
×
=
)
2
cos(
)
(
t
VI
VI
t
p
ω
−
=
(10)
The average power over an integral number of line cycles (n) is
given by the expression in Equation 11.
∫
=
=
nT
VI
dt
t
p
nT
P
0
)
(
1
(11)
where:
T is the line cycle period.
P is referred to as the active or real power.
Note that the active power is equal to the dc component of the
instantaneous power signal p(t) in Equation 11, that is, VI. This
is the relationship used to calculate active power in the
ADE7566/ADE7569. The instantaneous power signal p(t) is
generated by multiplying the current and voltage signals. The dc
component of the instantaneous power signal is then extracted
by LPF2 (low-pass filter) to obtain the active power
information. This process is illustrated in Figure 50.
INSTANTANEOUS
POWER SIGNAL
p(t) = v × i – v × i × cos(2ωt)
ACTIVE REAL POWER
SIGNAL = v × i
0x19999A
VI
0xCCCCD
0x00000
CURRENT
i(t) = √2 × i × sin(ωt)
VOLTAGE
v(t) = √2 × v × sin(ωt)
Figure 50. Active Power Calculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com