Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADE7569F16EB Datasheet(PDF) 15 Page - Analog Devices

Part # EVAL-ADE7569F16EB
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7569F16EB Datasheet(HTML) 15 Page - Analog Devices

Back Button EVAL-ADE7569F16EB Datasheet HTML 11Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 12Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 13Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 14Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 15Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 16Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 17Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 18Page - Analog Devices EVAL-ADE7569F16EB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 15 of 136
Table 8. UART Timing (Shift Register Mode) Parameters
4.096 MHz Core Clock
Variable Core Clock
Parameter
Description
Min
Typ
Max
Min
Typ
Max
Unit
tXLXL
Serial port clock cycle time
2.93
12 × tCORE1
μs
tQVXH
Output data setup to clock
TBD
μs
tDVXH
Input data setup to clock
TBD
μs
tXHDX
Input data hold after clock
TBD
μs
tXHQX
Output data hold after clock
TBD
μs
1 tCORE depends on the clock divider or CD bits of the POWCON SFR, tCORE = 2CD/4.096 MHz.
SET RI
OR
SET TI
BIT 6
tXLXL
TxD
(OUTPUT CLOCK)
RxD
(OUTPUT DATA)
RxD
(INPUT DATA)
BIT 1
LSB
LSB
BIT 1
BIT 6
MSB
tXHQX
tQVXH
tDVXH
tXHDX
Figure 8. UART Timing in Shift Register Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com