Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP80390 Datasheet(PDF) 51 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 51 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 47Page - Digital Core Design DP80390 Datasheet HTML 48Page - Digital Core Design DP80390 Datasheet HTML 49Page - Digital Core Design DP80390 Datasheet HTML 50Page - Digital Core Design DP80390 Datasheet HTML 51Page - Digital Core Design DP80390 Datasheet HTML 52Page - Digital Core Design DP80390 Datasheet HTML 53Page - Digital Core Design DP80390 Datasheet HTML 54Page - Digital Core Design DP80390 Datasheet HTML 55Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 84 page
background image
DP80390 Instructions set details
- 51 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.23.
LJMP *
3.23.1.
LARGE
Instruction:
LJMP addr16
Function:
Long jump
Description:
LJMP causes an unconditional branch to the indicated address, by
loading the PC with the second and third instruction bytes. The
destination may therefore be anywhere in the full 64 kB program
memory address space. No flags are affected.
Operation:
(PC)
← addr15... addr0
Bytes:
3
Cycles:
4
Encoding:
0
0
0
0
0
0
1
0
address 15..8
address 7..0
3.23.2.
FLAT
Instruction:
LCALL addr24
Function:
Long jump
Description:
LJMP causes an unconditional branch to the indicated address, by
loading the PC with the second, third and fourth instruction bytes. The
destination may therefore be anywhere in the full 16MB program
memory address space. No flags are affected.
Operation:
(PC)
← addr23... addr0
Bytes:
4
Cycles:
6
Encoding:
0
0
0
0
0
0
1
0
address 23..16
address 15..8
address 7..0
* instruction modified regarding to standard 80C51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com