Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR80390CPU Datasheet(PDF) 1 Page - Digital Core Design

Part # DR80390CPU
Description  High Performance 8-bit Microcontroller ver 3.10
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DR80390CPU Datasheet(HTML) 1 Page - Digital Core Design

  DR80390CPU Datasheet HTML 1Page - Digital Core Design DR80390CPU Datasheet HTML 2Page - Digital Core Design DR80390CPU Datasheet HTML 3Page - Digital Core Design DR80390CPU Datasheet HTML 4Page - Digital Core Design DR80390CPU Datasheet HTML 5Page - Digital Core Design DR80390CPU Datasheet HTML 6Page - Digital Core Design DR80390CPU Datasheet HTML 7Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
D
DR
R8
80
03
39
90
0C
CP
PU
U
High Performance
8-bit Microcontroller
ver 3.10
OVERVIEW
DR80390CPU is a high performance,
area optimized
soft core of a single-chip 8-bit
embedded controller dedicated for operation
with fast (typically on-chip) and slow (off-chip)
memories
. The core has been designed with a
special concern about low power consump-
tion
. Additionally an advanced power man-
agement unit makes DR80390CPU core per-
fect for portable equipment
where low power
consumption is mandatory.
DR80390CPU soft core is 100% binary-
compatible with the industry standard 80C390
& 8051 8-bit microcontroller. There are two
configurations of DR80390CPU: Harward
where external data and program buses are
separated, and von Neumann with common
program and external data bus. DR80390CPU
has RISC architecture 6.7 times faster com-
pared to standard architecture and executes
65-200 million instructions
per second. This
performance can also be exploited to great
advantage in low power applications where
the core can be clocked up to seven times
more slowly than the original implementation
for no performance penalty.
DR80390CPU is delivered with fully
automated testbench
and complete set of
tests
allowing easy package validation at each
stage of SoC design flow.
CPU FEATURES
● 100% software compatible with industry
standard 80390 & 8051
○ LARGE mode – 8051 instruction set
○ FLAT mode – 80390 instruction set
● RISC architecture enables to execute in-
structions 6.7 times faster compared to
standard 8051
● 12 times faster multiplication
● 9.6 times faster division
● Up to 256 bytes of internal (on-chip) Data
Memory
● Up to 16M bytes of contiguous Program
Memory
● Up to 16M bytes of external (off-chip) Data
Memory
● User programmable Program Memory Wait
States solution for wide range of memories
speed
● User programmable External Data Memory
Wait States solution for wide range of
memories speed
● De-multiplexed Address/Data bus to allow
easy connection to memory
● Interface for additional Special Function
Registers


Similar Part No. - DR80390CPU

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DR80390 DCD-DR80390 Datasheet
116Kb / 8P
High Performance 8-bit Microcontroller ver 3.10
DR80390 DCD-DR80390 Datasheet
267Kb / 84P
8-bit RISC Microcontroller Instructions set details ver 3.10
DR80390XP DCD-DR80390XP Datasheet
134Kb / 11P
High Performance Configurable 8-bit Microcontroller ver 3.10
DR80390 DCD-DR80390_1 Datasheet
116Kb / 8P
High Performance 8-bit Microcontroller ver 3.10
More results

Similar Description - DR80390CPU

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DP80390CPU DCD-DP80390CPU_03 Datasheet
130Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051 DCD-DP8051_03 Datasheet
132Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051CPU DCD-DP8051CPU_03 Datasheet
129Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051XP DCD-DP8051XP_03 Datasheet
150Kb / 12P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP80390XP DCD-DP80390XP_03 Datasheet
151Kb / 12P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DR8051 DCD-DR8051 Datasheet
112Kb / 8P
High Performance 8-bit Microcontroller ver 3.10
DR8051CPU DCD-DR8051CPU Datasheet
106Kb / 7P
High Performance 8-bit Microcontroller ver 3.10
DR8051XP DCD-DR8051XP Datasheet
129Kb / 11P
High Performance Configurable 8-bit Microcontroller ver 3.10
DR80390 DCD-DR80390_1 Datasheet
116Kb / 8P
High Performance 8-bit Microcontroller ver 3.10
DR80390XP DCD-DR80390XP Datasheet
134Kb / 11P
High Performance Configurable 8-bit Microcontroller ver 3.10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com