Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90USB64X Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT90USB64X
Description  USB DFU Bootloader
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB64X Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT90USB64X Datasheet HTML 8Page - ATMEL Corporation AT90USB64X Datasheet HTML 9Page - ATMEL Corporation AT90USB64X Datasheet HTML 10Page - ATMEL Corporation AT90USB64X Datasheet HTML 11Page - ATMEL Corporation AT90USB64X Datasheet HTML 12Page - ATMEL Corporation AT90USB64X Datasheet HTML 13Page - ATMEL Corporation AT90USB64X Datasheet HTML 14Page - ATMEL Corporation AT90USB64X Datasheet HTML 15Page - ATMEL Corporation AT90USB64X Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
7618C–AVR–07/08
4.7.4
Answers from the Device to a Blank Check Command
The Host controller sends a GET_STATUS request to the device. Once internal blank check has
been completed, the device sends its status.
• If the device status is “OK”:
the device memory is then blank and the device waits for the next Host request.
• If the device status is “errCHECK_ERASED”:
the device memory is not blank. The device waits for an DFU_UPLOAD request to send the
first address where the byte is not 0xFF.
4.8
Reading Configuration Information or Manufacturer Information
The flow described hereafter allows the user to read the configuration or manufacturer
information.
4.8.1
Requests From Host
To start the programming operation, the Host sends DFU_DNLOAD request with the Read com-
mand in the data field (2 bytes).
4.8.2
Answers from Bootloader
The device has two possible answers to a DFU_GETSTATUS request:
• If the chip is protected from program access, an “err_VENDOR” status is returned to the
Host.
• Otherwise, the device status is “OK“. The Host can send a DFU_UPLOAD request to the
device in order to get the value of the requested field.
Command Identifier
data[0]
data[1]
data[2]
data[3]
data[4]
Description
Id_read_command
05h
00h
00h
Read Bootloader Version
01h
Read Device boot ID1
02h
Read Device boot ID2
01h
30h
Read Manufacturer Code
31h
Read Family Code
60h
Read Product Name
61h
Read Product Revision
OUT
Read_command (2 bytes)
SETUP
DFU_DNLOAD
IN
ZLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com