Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90USB82 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT90USB82
Description  USB DFU Bootloader
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 6Page - ATMEL Corporation AT90USB82 Datasheet HTML 7Page - ATMEL Corporation AT90USB82 Datasheet HTML 8Page - ATMEL Corporation AT90USB82 Datasheet HTML 9Page - ATMEL Corporation AT90USB82 Datasheet HTML 10Page - ATMEL Corporation AT90USB82 Datasheet HTML 11Page - ATMEL Corporation AT90USB82 Datasheet HTML 12Page - ATMEL Corporation AT90USB82 Datasheet HTML 13Page - ATMEL Corporation AT90USB82 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
7618C–AVR–07/08
Figure 4-1.
Example of Firmware Download Zero Length DFU_DNLOAD Request
The Host sends a DFU_DNLOAD request with Zero Length Packet (ZLP) to indicate that it has
completed transferring the firmware image file. This is the final payload packet of a download
operation.
4.6.1.4
Answers from Bootloader
After each program request, the Host can request the device state and status by sending a
DFU_GETSTATUS message.
If the device status indicates an error, the host must send a DFU_CLRSTATUS request to the
device.
4.7
Reading the Flash or EEPROM Data
The flow described below allows the user to read data in the Flash memory or in the EEPROM
data memory. A blank check command on the Flash memory is possible with this flow.
This operation is performed in 2 steps:
• DFU_DNLOAD request with the read command (6 bytes)
• DFU_UPLOAD request which correspond to the previous command.
OUT
Prog_Start + (EP0 fifo length - 6) x 00h
SETUP
DFU_DNLOAD
OUT
X offset bytes + Firmware Packet 1
OUT
Firmware Packet 2
OUT
Firmware Packet n + DFU suffix
IN
ZLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com