Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V58C2256 Datasheet(PDF) 39 Page - Mosel Vitelic, Corp

Part # V58C2256
Description  HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V58C2256 Datasheet(HTML) 39 Page - Mosel Vitelic, Corp

Back Button V58C2256 Datasheet HTML 35Page - Mosel Vitelic, Corp V58C2256 Datasheet HTML 36Page - Mosel Vitelic, Corp V58C2256 Datasheet HTML 37Page - Mosel Vitelic, Corp V58C2256 Datasheet HTML 38Page - Mosel Vitelic, Corp V58C2256 Datasheet HTML 39Page - Mosel Vitelic, Corp V58C2256 Datasheet HTML 40Page - Mosel Vitelic, Corp V58C2256 Datasheet HTML 41Page - Mosel Vitelic, Corp V58C2256 Datasheet HTML 42Page - Mosel Vitelic, Corp V58C2256 Datasheet HTML 43Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
39
MOSEL VITELIC
V58C2256(804/404/164)S
V58C2256(804/404/164)S Rev. 1.4 October 2002
SLEW RATE DERATING VALUES
(Notes: 14; notes appear on pages 50-53) 0°C TA +70°C; VDDQ= +2.5V ±0.2V, VDD = +2.5V ±0.2V)
SLEW RATE DERATING VALUES
(Note: 31; notes appear on pages 50-53) (0°C TA +70°C; VDDQ = +2.5V ±0.2V, VDD = +2.5V ±0.2V)
NOTES:
1. All voltages referenced to VSS.
2. Tests for AC timing, IDD, and electrical AC and DC characteristics may be conducted at nominal
reference/supply voltage levels, but the related specifications and device operation are guaranteed for the
full voltage range specified.
3. Outputs measured with equivalent load:
ADDRESS / COMMAND
SLEW RATE
∆ tIS
∆ tIH
UNITS
NOTES
0.500V / ns
0
0
ps
14
0.400V / ns
+50
+50
ps
14
0.300V / ns
+100
+100
ps
14
0.200V / ns
+150
+150
ps
14
Date, DQS, DM
SLEW RATE
∆ tDS
∆ tDH
UNITS
NOTES
0.500V / ns
0
0
ps
31
0.400V / ns
+75
+75
ps
31
0.300V / ns
+150
+150
ps
31
0.200V / ns
+225
+225
ps
31
Output
(VOUT)
VTT
50
Ω
Reference
Point
30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com