| Electronic Components Datasheet Search |
|
AT91SAM7S256-AI Datasheet(PDF) 21 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM7S256-AI Datasheet(HTML) 21 Page - ATMEL Corporation |
|
21 / 32 page ![]() 21 AT91SAM7S256 Summary Preliminary 6117AS–ATARM–20-Oct-04 • Vectoring – Optimizes interrupt service routine branch and execution – One 32-bit vector register per interrupt source – Interrupt vector register reads the corresponding current interrupt vector •Protect Mode – Easy debugging by preventing automatic operations •Fast Forcing – Permits redirecting any interrupt source on the fast interrupt • General Interrupt Mask – Provides processor synchronization on events without triggering an interrupt Debug Unit • Comprises: – One two-pin UART – One Interface for the Debug Communication Channel (DCC) support – One set of Chip ID Registers – One Interface providing ICE Access Prevention •Two-pin UART – Implemented features are compatible with the USART – Programmable Baud Rate Generator – Parity, Framing and Overrun Error – Automatic Echo, Local Loopback and Remote Loopback Channel Modes • Debug Communication Channel Support – Offers visibility of COMMRX and COMMTX signals from the ARM Processor • Chip ID Registers – Identification of the device revision, sizes of the embedded memories, set of peripherals – Chip ID is 0x270d0940 (VERSION 0) Periodic Interval Timer • 20-bit programmable counter plus 12-bit interval counter Watchdog Timer • 12-bit key-protected Programmable Counter running on prescaled SLCK • Provides reset or interrupt signals to the system • Counter may be stopped while the processor is in debug state or in idle mode Real-time Timer • 32-bit free-running counter with alarm running on prescaled SLCK • Programmable 16-bit prescaler for SLCK accuracy compensation PIO Controller • One PIO Controller, controlling 32 I/O lines • Fully programmable through set/clear registers • Multiplexing of two peripheral functions per I/O line • For each I/O line (whether assigned to a peripheral or used as general-purpose I/O) – Input change interrupt – Half a clock period glitch filter – Multi-drive option enables driving in open drain |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |