Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7101 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MAC7101
Description  Microcontroller Family Reference Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7101 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MAC7101 Datasheet HTML 1Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 2Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 3Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAC7101 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Features
MAC7100 Microcontroller Family Product Brief, Rev. 2
Preliminary
Freescale Semiconductor
5
– Protection violation flag
– 10,000 program / erase cycle endurance
– 15-year data retention
— 32 Kbyte data Flash EEPROM
– 16-bit wide memory accessed via peripheral bus interface
– Relocatable to page zero to provide data Flash boot operation
– State machine controlled program/erase operations
– Internal programming voltage generator
– Up to 8 protected sectors in the data Flash
– 10,000 program / erase cycle endurance
– 15-year data retention
— Up to 48 Kbyte RAM
– Single cycle accesses to RAM for byte, halfword, and word reads and writes
•
Interrupt Controller (INTC)
— 64 vectored interrupt sources
— 44 peripheral, 17 DMA, 1 software watchdog timer, 2 external sources
— 16 programmable interrupt priorities for every source, even in low-power modes
— Multiple level interrupt nesting, with hardware support for first nesting level
— Normal and Fast interrupt support
•
General purpose input/output
— Up to 144 port pins shared with peripherals
— All ports are 16 bits wide, with pins bidirectional and independently selectable
— Wake-up interrupt available on all port pins
•
Analog-to-Digital Converter(s) (ATD)
— One or two ATD modules
— 16 analog input channels per ATD module
— 10-bit resolution with
± 2 counts accuracy
—7
µS minimum conversion time
— Internal sample and hold circuitry
— Programmable input sample time for various source impedances
— Queued conversion sequences supported by eDMA controller
— Unused analog channels can be used as digital I/O
— External and on-chip sample triggers, including periodic triggering via the PIT module
— Synchronized sampling between ATD modules using external or on-chip triggers
•
CAN 2.0 software compatible modules (FlexCAN)
— Up to four CAN modules
— Full implementation of the CAN 2.0 protocol specification
— Programmable bit rate up to 1M bps
— Up to 32 flexible message buffers of 0 to 8 bytes data length for each module
— All message buffers configurable for either Rx/Tx
— Unused message buffer space can be used as general purpose RAM
— Supports standard or extended messages
— Time stamp, based on a 16-bit free-running counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com