Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF2000 Datasheet(PDF) 1 Page - Riedon Powertron

Part # MF2000
Description  Precision / Metal Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

MF2000 Datasheet(HTML) 1 Page - Riedon Powertron

  MF2000 Datasheet HTML 1Page - Riedon Powertron MF2000 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
Page66
1.01
Type
Power
Rating
Watts@
70°C
Resis-
tance
Range
(W)
Maximum
Voltage
H
(MAX)
D
(MAX)
d
±0.002”
[±0.05mm]
L
(MIN)
W
(MIN)
RN
Size
MFM2207
0.40
1to5M
300
(SeeMFM2207Drawing)
-
MF2207
0.40
1to10M
300
0.260
[6.5]
0.100
[2.5]
0.028
[0.7]
1.20
[30]
0.300
[7.5]
RN55
MF2617
0.65
3to10M
500
0.600
[15.2]
0.230
[5.8]
0.032
[0.8]
1.20
[30]
0.690
[17.5]
RN65
MF2000 Series
Resistances from 1 to 10MOhms
Power Rating 0.4 to 0.65Watts
Resistance Tolerances to ±0.05%
TCR’s to ±3ppm/K
Very Low Inductance
Matched Sets Available
E192 Values in Stock
•
•
•
•
•
•
•
SPECIFICATIONS
Specification
Value
ResistanceRange
1Ohmsto10MOhms
Tolerances
±0.05%to±1%
Temperature Coefficient
(SeeCharts)
TemperatureRange
-25°Cto+125°C(TC>=25ppm/K)
-10°Cto+85°C(TC<25ppm/K)
InsulationResistance
>10000MOhms
ClimaticCategory
55/125/56
MaxSolderingTemperature
+260°C/10s
Voltage Coefficient
<5ppm/V
Precision/MetalFilmResistors
MFM2207


Similar Part No. - MF2000

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
172Kb / 1P
Precision / Metal Film Resistors
MF2000 RIEDON-MF2000_13 Datasheet
172Kb / 1P
Precision / Metal Film Resistors
More results

Similar Description - MF2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC55 ETC-RC55 Datasheet
145Kb / 3P
Precision Metal Film Resistors
logo
Welwyn Components Limit...
RC55 WELWYN-RC55 Datasheet
351Kb / 3P
Precision Metal Film Resistors
RCP WELWYN-RCP Datasheet
132Kb / 2P
Precision Metal Film Resistors
logo
RCD COMPONENTS INC.
MF55-R100-FB25 RCD-MF55-R100-FB25 Datasheet
43Kb / 1P
PRECISION METAL FILM RESISTORS
logo
IRC - a TT electronics ...
GP551001001F IRCTT-GP551001001F Datasheet
69Kb / 2P
PRECISION METAL FILM RESISTORS
GP551001001FBLK IRCTT-GP551001001FBLK Datasheet
297Kb / 4P
Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000_13 Datasheet
172Kb / 1P
Precision / Metal Film Resistors
MFP1 RIEDON-MFP1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
MFP55-20RB1 RIEDON-MFP55-20RB1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
Precision Metal Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com