Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC164CS-16FF Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # XC164CS-16FF
Description  16-Bi t Single-Chip Microcontroller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS-16FF Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button XC164CS-16FF Datasheet HTML 6Page - Infineon Technologies AG XC164CS-16FF Datasheet HTML 7Page - Infineon Technologies AG XC164CS-16FF Datasheet HTML 8Page - Infineon Technologies AG XC164CS-16FF Datasheet HTML 9Page - Infineon Technologies AG XC164CS-16FF Datasheet HTML 10Page - Infineon Technologies AG XC164CS-16FF Datasheet HTML 11Page - Infineon Technologies AG XC164CS-16FF Datasheet HTML 12Page - Infineon Technologies AG XC164CS-16FF Datasheet HTML 13Page - Infineon Technologies AG XC164CS-16FF Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
XC164CM-8FF
Delta Sheet XC164CM-8FF to XC164CS-16FF
Draft Delta Sheet
9
V1.0D3, 2004-03
P5
P5.0
P5.1
P5.2
P5.3
P5.4
P5.5
P5.10
P5.11
P5.6
P5.7
P5.12
P5.13
P5.14
P5.15
9
10
11
12
13
14
15
16
17
18
21
22
23
24
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
Port 5 is a 14-bit input-only port.
The pins of Port 5 also serve as analog input channels for the
A/D converter, or they serve as timer inputs:
AN0
AN1
AN2
AN3
AN4
AN5
AN10,
T6EUD GPT2 Timer T6 Ext. Up/Down Ctrl. Inp.
AN11,
T5EUD GPT2 Timer T5 Ext. Up/Down Ctrl. Inp.
AN6
AN7
AN12,
T6IN
GPT2 Timer T6 Count/Gate Input
AN13,
T5IN
GPT2 Timer T5 Count/Gate Input
AN14,
T4EUD GPT1 Timer T4 Ext. Up/Down Ctrl. Inp.
AN15,
T2EUD GPT1 Timer T2 Ext. Up/Down Ctrl. Inp.
VAREF
19
-
Reference voltage for the A/D converter.
VAGND 20
-
Reference ground for the A/D converter.
VDDI
26, 58 -
Core Supply Voltage (On-Chip Modules):
+2.5 V during normal operation and idle mode.
Please refer to the Operating Conditions
VDDP
8, 27,
40, 57
-
Pad Supply Voltage (Pin Output Drivers):
+5 V during normal operation and idle mode.
Please refer to the Operating Conditions
VSS
7, 25,
41, 59
-
Ground.
Connect decoupling capacitors to adjacent
VDDx/VSS pin
pairs as close as possible to the pins.
All
VSS pins must be connected to the ground-line or ground-
plane.
1) The CAN interface lines are assigned to port P9 under software control.
2) If at the end of an external reset TRST was high these pins are used for sensing configuration settings and
integrated pull up devices are activated during reset.
Table 4
Pin Definitions and Functions (cont’d)
Symbol Pin
Num.
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com