Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T80C5112-RKUEV Datasheet(PDF) 22 Page - ATMEL Corporation

Part # T80C5112-RKUEV
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T80C5112-RKUEV Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button T80C5112-RKUEV Datasheet HTML 18Page - ATMEL Corporation T80C5112-RKUEV Datasheet HTML 19Page - ATMEL Corporation T80C5112-RKUEV Datasheet HTML 20Page - ATMEL Corporation T80C5112-RKUEV Datasheet HTML 21Page - ATMEL Corporation T80C5112-RKUEV Datasheet HTML 22Page - ATMEL Corporation T80C5112-RKUEV Datasheet HTML 23Page - ATMEL Corporation T80C5112-RKUEV Datasheet HTML 24Page - ATMEL Corporation T80C5112-RKUEV Datasheet HTML 25Page - ATMEL Corporation T80C5112-RKUEV Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 97 page
background image
22
Rev. B - November 10, 2000
Preliminary
T80C5112
8.1.1.2. Power down and OSCC active
In Power Down mode the low speed RC oscillator never stops. If the WDT is active before entering power down,
the T80C5112 will be reseted once and will start executing the program code. The software may then decide to
leave the WDT inactive.
If the high speed RC oscillator is selected at reset, this mode may be used to periodically awake the T80C5112
and check for an external event while keeping the average consumption at a very low level.
There are 2 methods of exiting Power Down mode: by a hardware or watchdog reset or via a level activated
external interrupt which is enabled prior to entering Power Down mode. When Power Down is exited with hardware
or watch dog reset, servicing the WDT should occur as it normally should whenever the T80C5112 is reset. Exiting
Power Down with an interrupt is significantly different. As the WDT and interrupt are asynchronous events, the
WDT may overflow within a few states of exiting of powerdown. To limit the probability of such an event, it is
suggested that the WDT be reseted during the interrupt service routine.
8.1.1.3. Idle mode
In the Idle mode, the oscillator continues to run. To prevent the WDT from resetting the T80C5112 while in Idle
mode, the user should always set up a timer that will periodically exit Idle, service the WDT, and re-enter Idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com