Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS5000FP Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS5000FP
Description  Soft Microprocessor Chip
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5000FP Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS5000FP Datasheet HTML 1Page - Dallas Semiconductor DS5000FP Datasheet HTML 2Page - Dallas Semiconductor DS5000FP Datasheet HTML 3Page - Dallas Semiconductor DS5000FP Datasheet HTML 4Page - Dallas Semiconductor DS5000FP Datasheet HTML 5Page - Dallas Semiconductor DS5000FP Datasheet HTML 6Page - Dallas Semiconductor DS5000FP Datasheet HTML 7Page - Dallas Semiconductor DS5000FP Datasheet HTML 8Page - Dallas Semiconductor DS5000FP Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DS5000FP
5 of 22
PIN
DESCRIPTION
11, 9, 7, 5,
1, 79, 77,
75
P0.0-P0.7. General purpose I/O Port 0. This port is open-drain and can not drive a logic 1.
It requires external pullups. Port 0 is also the multiplexed Expanded Address/Data bus.
When used in this mode, it does not require pullups.
13, 14
VCC - +5V
16, 8, 18,
80, 76, 4,
6, 20, 24,
26, 28, 30,
33, 35, 37
BA14-0. Byte-wide Address bus bits 14-0. This 15 bit bus is combined with the non-
multiplexed data bus (BD7-0) to access NV SRAM. Decoding is performed on CE1 and
CE2
. Read/write access is controlled by R/ W . BA14-0 connect directly to an 8k or 32k
SRAM. If an 8k RAM is used, BA13 and BA14 will be unconnected. Note BA13 and
BA14 are inverted from the true logical address. Also note that BA14 is lithium backed.
71, 69, 67,
65, 61, 59,
57, 55
BD7-0. Byte-wide Data bus bits 7-0. This 8-bit bi-directional bus is combined with the
non-multiplexed address bus (BA14-0) to access NV SRAM. Decoding is performed on
CE1
and CE2 . Read/write access is controlled by R/W. BD7-0 connect directly to an 8k
or 32k SRAM, and optionally to a Real-time Clock.
10
R/W - Read/Write. This signal provides the write enable to the SRAMs on the Byte-wide
bus. It is controlled by the memory map and Partition. The blocks selected as Program
(ROM) will be write protected.
74
CE1
- Chip Enable 1. This is the primary decoded chip enable for memory access on the
Byte-wide bus. It connects to the chip enable input of one SRAM. CE1 is lithium backed.
It will remain in a logic high inactive state when VCC falls below VLI.
78
CE2
- Chip Enable 2. This chip enable is provided to bank switch to a second block of
32k bytes of nonvolatile data memory. It connects to the chip enable input of one SRAM
or one lithium-backed peripheral such a DS1283 clock. CE2 is lithium backed. It will
remain in a logic high inactive state when VCC falls below VLI.
12
VCCO - VCC Output. This is switched between VCC and VLI by internal circuits based on
the level of VCC. When power is above the lithium input, power will be drawn from VCC.
The lithium cell remains isolated from a load. When VCC is below VLI, the VCCO switches
to the VLI source. VCCO is connected to the VCC pin of an SRAM.
54
VLIL - Lithium Voltage Input. Connect to a lithium cell greater than VLImin and no greater
than VLImax as shown in the electrical specifications. Nominal value is +3V.
2, 3, 22,
23, 32, 42,
43, 62, 63,
72
NC do not connect.
INSTRUCTION SET
The DS5000FP executes an instruction set that is object code compatible with the industry standard 8051
microcontroller. As a result, software development packages such as assemblers and compilers that have
been written for the 8051 are compatible with the DS5000FP. A complete description of the instruction
set and operation are provided in the User’s Guide section of the Secure Microcontroller Data Book.
Also note that the DS5000FP is embodied in the DS5000(T) and DS2250(T) modules. The DS5000(T)
combines the DS5000FP with one SRAM of either 8 or 32 kbytes and a lithium cell. An optional Real
Time Clock is also available in the DS5000T. This is packaged in a 40-pin DIP module. The DS2250(T)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com