Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS5000 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS5000
Description  Soft Microcontroller Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5000 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS5000 Datasheet HTML 1Page - Dallas Semiconductor DS5000 Datasheet HTML 2Page - Dallas Semiconductor DS5000 Datasheet HTML 3Page - Dallas Semiconductor DS5000 Datasheet HTML 4Page - Dallas Semiconductor DS5000 Datasheet HTML 5Page - Dallas Semiconductor DS5000 Datasheet HTML 6Page - Dallas Semiconductor DS5000 Datasheet HTML 7Page - Dallas Semiconductor DS5000 Datasheet HTML 8Page - Dallas Semiconductor DS5000 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DS5000(T)
021998 4/19
PIN NUMBER
DESCRIPTION
32–39
P0.7–P0.0. General purpose I/O Port 0. This port is open–drain and can not drive a
logic 1. It requires external pull–ups. Port 0 is also the multiplexed Expanded Address/Data
bus. When used in this mode, it does not require pull–ups.
40
VCC – +5 volts.
INSTRUCTION SET
The DS5000(T) executes an instruction set which is ob-
ject code compatible with the industry standard 8051
microcontroller.
As a result, software development
packages which have been written for the 8051 are
compatible with the DS5000(T), including cross–as-
semblers, high–level language compilers, and debug-
ging tools.
A complete description for the DS5000(T) instruction
set is available in the User’s Guide section of the Secure
Microcontroller Data Book.
MEMORY ORGANIZATION
Figure 2 illustrates the address spaces which are ac-
cessed by the DS5000(T). As illustrated in the figure,
separate address spaces exist for program and data
memory. Since the basic addressing capability of the
machine is 16 bits, a maximum of 64K bytes of program
memory and 64K bytes of data memory can be ac-
cessed by the DS5000(T) CPU.
The 8K or 32K byte
RAM area inside of the DS5000(T) can be used to con-
tain both program and data memory.
The Real time Clock (RTC) in the DS5000T is reached
in the memory map by setting a SFR bit. The MCON.2
bit (ECE2) is used to select an alternate data memory
map. While ECE2=1, all MOVXs will be routed to this
alternate memory map. The real time clock is a serial
device that resides in this area. A full description of the
RTC access and example software is given in the User’s
Guide section of the Secure Microcontroller Data Book.
If the ECE2 bit is set on a DS5000 without a timekeeper,
the MOVXs will simply go to a nonexistent memory.
Software execution would not be affected otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com