Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF2003 Datasheet(PDF) 2 Page - Riedon Powertron

Part # TF2003
Description  Thick Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

TF2003 Datasheet(HTML) 2 Page - Riedon Powertron

  TF2003 Datasheet HTML 1Page - Riedon Powertron TF2003 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
Page93
1.01
SPECIFICATIONS (continued)
PartNumber-Resistance-Tolerance-TCR
Example:TF2009100MOhms2%100ppm
( Note: If no TCR is specified / the highest value will be supplied )
TF2000 Series
ThickFilmResistors
Type
H(MAX)
L(MAX)
T(MAX)
W
±0.015”[±0.4mm]
TF2003
0.236[6.0]
0.197[5.0]
0.100[2.5]
0.100[2.5]
TF2004
0.236[6.0]
0.287[7.3]
0.100[2.5]
0.200[5.1]
TF2005
0.236[6.0]
0.492[12.5]
0.100[2.5]
0.400[10.2]
TF2006
0.236[6.0]
0.886[22.5]
0.100[2.5]
0.800[20.3]
TF2007
0.354[9.0]
1.535[39.0]
0.100[2.5]
1.400[35.6]
TF2009
0.354[9.0]
3.071[78.0]
0.100[2.5]
2.900[73.7]
Type
H(MAX)
L(MAX)
T(MAX)
TFC2004
0.153[3.9]
0.260[6.6]
0.032[0.8]
TFC2005
0.153[3.9]
0.465[11.8]
0.032[0.8]
TFC2006
0.153[3.9]
0.866[22.0]
0.032[0.8]
TFC2007
0.26[6.6]
1.512[38.4]
0.032[0.8]
Ordering Information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com